PART |
Description |
Maker |
HY27US08561A HY27US16561A HY27SS08561A HY27SS16561 |
256Mbit (32Mx8bit / 16Mx16bit) NAND Flash 32M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, LEAD FREE, FBGA-63 32M X 8 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 20 MM, 1.20 MM HEIGHT, TSOP1-48 32M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, FBGA-63 32M X 8 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, LEAD FREE, USOP1-48 32M X 8 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, USOP1-48 16M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, USOP1-48 32M X 8 FLASH 3.3V PROM, 30 ns, PBGA63 16M X 16 FLASH 1.8V PROM, 35 ns, PBGA63
|
Hynix Semiconductor, Inc. HYNIX SEMICONDUCTOR INC
|
K9F5608D0D-PCB00 K9F5608X0D |
32M x 8 Bit NAND Flash Memory 32M X 8 FLASH 2.7V PROM, 30 ns, PDSO48
|
Samsung semiconductor
|
AT49SV322DT-80TU AT49SV322D-80TU |
FLASH 32M,1.8V, TOP BOOT,TSOP, GREEN PKG(FLASH) 2M X 16 FLASH 1.8V PROM, 80 ns, PDSO48 fLASH 32M,1.8V, BTM BOOT,TSOP, GREEN PKG(FLASH) 2M X 16 FLASH 1.8V PROM, 80 ns, PDSO48
|
Atmel, Corp.
|
PC28F256P30TFA RC28F256P30TFA |
32M X 16 FLASH 1.8V PROM, PBGA64 LEAD FREE, BGA-64 16M X 16 FLASH 1.8V PROM, 100 ns, PBGA64
|
Numonyx Asia Pacific Pte, Ltd.
|
S29GL032N11TAIV13 2N11FAIV22 S29GL032N70BAI43 S29G |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 110 ns, PDSO56 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 2M X 16 FLASH 3V PROM, 70 ns, PBGA64 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 70 ns, PBGA48 4M X 16 FLASH 3V PROM, 90 ns, PBGA48
|
Spansion, Inc. SPANSION LLC
|
PC48F4400P0TB0E RC48F4400P0TB0EA JS28F256P33TFA RC |
32M X 16 FLASH 2.7V PROM, 95 ns, PBGA64 16M X 16 FLASH 2.7V PROM, 105 ns, PDSO56 16M X 16 FLASH 2.7V PROM, 95 ns, PBGA64
|
NUMONYX
|
MX29LV320ABXEI-90G MX29LV320ATXEI-90G MX29LV320ABT |
32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 2M X 16 FLASH 3V PROM, 90 ns, PBGA48 32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY 2M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
MX29LA321MHTC-90G MX29LA321MLTI-90 |
32M-BIT SINGLE VOLTAGE 3V ONLY UNIFORM SECTOR FLASH MEMORY 2M X 16 FLASH 3V PROM, 90 ns, PDSO56
|
Macronix International Co., Ltd.
|
MBM29F033C-90 MBM29F033C-90PTN MBM29F033C-70PTR MB |
32M (4M X 8) BIT 4M X 8 FLASH 5V PROM, 120 ns, PDSO40
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
AS8FLC1M32BP-70/IT AS8FLC1M32BQ-100/XT AS8FLC1M32B |
1M X 32 FLASH 3V PROM, 70 ns, CPGA66 HERMETIC SEALED, CERAMIC, HIP-66 1M X 32 FLASH 3V PROM, 100 ns, CQFP68 1M X 32 FLASH 3V PROM, 120 ns, CQFP68
|
Micross Components
|
PA28F008SC-90 E28F008SC-150 PA28F008SC-170 |
1M X 8 FLASH 3.3V PROM, 90 ns, PDSO44 13.30 X 28.20 MM, PLASTIC, SOP-44 1M X 8 FLASH 3.3V PROM, 150 ns, PDSO40 1M X 8 FLASH 3.3V PROM, 170 ns, PDSO44
|
Intel, Corp. INTEL CORP
|
|