PART |
Description |
Maker |
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDMS867408 FDMS8674 |
N-Channel PowerTrench垄莽 MOSFET 30V, 21A, 5.0m楼? N-Channel PowerTrench庐 MOSFET 30V, 21A, 5.0m惟 N-Channel PowerTrench? MOSFET 30V, 21A, 5.0mΩ
|
Fairchild Semiconductor
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
IRHNB8Z60 IRHNB3Z60 IRHNB4Z60 IRHNB7Z60 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 75A I(D) | SMT RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3) 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package 30V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package
|
IRF[International Rectifier]
|
S12NF30L STS12NF30L STS12NF30L_07 STS12NF30L07 -S1 |
30V N-Channel PowerTrench MOSFET N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STB160NF03L 7460 |
N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFETPOWER MOSFET N沟道30V 0.0021ohm - 160A章采用D2PAK STripFET⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STS4DNFS30L 8566 STS4DNFS30 |
N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET⑩ II MOSFET PLUS SCHOTTKY RECTIFIER From old datasheet system N-CHANNEL POWER MOSFET N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET?/a> II MOSFET PLUS SCHOTTKY RECTIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
STS7PF30L |
P-CHANNEL 30V - 0.016 OHM - 7A SO-8 STRIPFET II POWER MOSFET P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDS6672A01 FDS6672A FDS6672ANL FDS6672ANF073 FDS66 |
12.5 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET 30V N-Channel PowerTrench MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|