PART |
Description |
Maker |
IR3081 IR3081MTR IR3081M |
XPHASE VR 10.0 CONTROL IC XPHASE0.0控制IC From old datasheet system XPHASE VR 10.0 Control IC. The Control IC combined with an IR XPhase TM Phase IC provides a full featured and flexible way toimplement a complete VR 10.0 power solution.
|
International Rectifier, Corp. IRF[International Rectifier]
|
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
LA5636M |
Rechargeable Battery Charge Control ICs: Automotive battery DC-DC converter control IC DC/DC Converter Secondary Side Control IC
|
Sanyo Semicon Device
|
HT7L4091 |
Universal Step-Down PWM Control For High Brightness LED Lighting Control
|
Holtek Semiconductor Inc
|
MCZ33810EK MCZ33810R2 3381011 FREESCALESEMICONDUCT |
Automotive Engine Control IC Quad injector driver with Parallel/SPI control
|
Freescale Semiconductor, Inc
|
HCTL-1101 |
General Purpose Control ICs Position and Velocity Control Low Power CMOS
|
AVAGO TECHNOLOGIES LIMITED
|
TDA3505 TDA3506 |
Video control combination circuit with automatic cut-off control
|
PHILIPS[Philips Semiconductors]
|
AN5270 |
4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
|
PANASONIC[Panasonic Semiconductor]
|
MTD200510 |
Constant Current Control Function (Fixed Frequency PWM Control) STEPPER MOTOR CONTROLLER, 1.3 A, ZFM27
|
Shindengen Electric Mfg.Co.Ltd
|