PART |
Description |
Maker |
EDSX11-132E |
Digital Controller COMPACT CONTROLLER M [CC-M] (PROGRAMMABLE CONTINUOUS OUTPUT TYPE)
|
Fuji Electric
|
ADP3207CJCPZ-RL |
7-Bit Programmable, Multiphase Mobile, CPU Synchronous Buck Controller SWITCHING CONTROLLER, QCC40
|
ON Semiconductor
|
RC5051 RC5051M |
Current-Mode SMPS Controller Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors From old datasheet system
|
Fairchild Semiconductor Corporation
|
ADP3153 ADP3153ARU |
Synchronous Switching /Linear Regulator Controller 5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
|
AD[Analog Devices]
|
IS82C37A CS82C37A CS82C37A-12 CS82C37A-5 5962-9054 |
CMOS High Performance Programmable DMA Controller RECTIFIER BRIDGE 10A 100V BR-6 高性能的CMOS可编程DMA控制 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, CDIP40 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, UUC40 DIODE SCHOTTKY DUAL-DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, PDIP40 CMOS High Performance Programmable DMA Controller 高性能的CMOS可编程DMA控制 DIODE SCHOTTKY DUAL ISOLATED 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL DIODE SCHOTTKY DUAL SERIES 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL Triple 3-input positive-NAND gates 14-PDIP 0 to 70 RECTIFIER BRIDGE 10A 800V BR-6 RECTIFIER BRIDGE 10A 1000V BR-6 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FAN5029MPX |
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, QCC40
|
Fairchild Semiconductor, Corp.
|
ADP3188JRUZ-REEL ADP3188JRQZ-REEL |
6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO28
|
Analog Devices, Inc.
|
AD7147 EVAL-AD7147-1EBZ EVAL-AD7147EBZ AD7147ACPZ- |
CapTouch?/a> Programmable Controller for Single-Electrode Capacitance Sensors CapTouch Programmable Controller for Single-Electrode Capacitance Sensors CapTouch垄芒 Programmable Controller for Single-Electrode Capacitance Sensors
|
Analog Devices
|
AT78C1502 AT78C1502-128TC |
DVD System Servo Controller programmable for any Mechadeck/Loader/OPU. DVD/CD Servo Controller Miscellaneous - Datasheet Reference
|
http:// ATMEL Corporation Atmel Corp.
|
SI9130 SI9130CG SI9130CG-T1 SI9130LG SI9130LG-T1 |
Pin-Programmable Dual Controller?Portable PCs Pin-Programmable Dual Controller-Portable PCs Pin-Programmable Dual ControllerPortable PCs
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
ID8259A N8259A 8259A-2 8259A |
PROGRAMMABLE INTERRUPT CONTROLLER
|
INTEL[Intel Corporation]
|