PART |
Description |
Maker |
EM513 EM513-BP |
1.0 Amp General Purpose Plastic Rectifier 1600 to 2000 Volts 1 A, 1600 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components
|
SM12CXC220 SM34CXC614 SM36CXC604 SM38CXC624 SM38CX |
860 A, 1200 V, SILICON, RECTIFIER DIODE 1160 A, 3400 V, SILICON, RECTIFIER DIODE 1010 A, 3600 V, SILICON, RECTIFIER DIODE 1106 A, 3800 V, SILICON, RECTIFIER DIODE 2640 A, 3800 V, SILICON, RECTIFIER DIODE 1106 A, 3400 V, SILICON, RECTIFIER DIODE 435 A, 1500 V, SILICON, RECTIFIER DIODE 440 A, 600 V, SILICON, RECTIFIER DIODE 1160 A, 3800 V, SILICON, RECTIFIER DIODE 1160 A, 4200 V, SILICON, RECTIFIER DIODE 940 A, 800 V, SILICON, RECTIFIER DIODE 940 A, 1800 V, SILICON, RECTIFIER DIODE 940 A, 400 V, SILICON, RECTIFIER DIODE 940 A, 1000 V, SILICON, RECTIFIER DIODE 940 A, 600 V, SILICON, RECTIFIER DIODE 940 A, 1600 V, SILICON, RECTIFIER DIODE 1106 A, 4000 V, SILICON, RECTIFIER DIODE 310 A, 2600 V, SILICON, RECTIFIER DIODE 370 A, 2600 V, SILICON, RECTIFIER DIODE 2700 A, 2600 V, SILICON, RECTIFIER DIODE 860 A, 1400 V, SILICON, RECTIFIER DIODE 440 A, 400 V, SILICON, RECTIFIER DIODE 440 A, 800 V, SILICON, RECTIFIER DIODE 435 A, 1600 V, SILICON, RECTIFIER DIODE 435 A, 1800 V, SILICON, RECTIFIER DIODE 527 A, 3200 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
SKRTABL4.8QU |
35 A, 1600 V, SILICON, RECTIFIER DIODE
|
SEMIKRON INTERNATIONAL
|
SBT250-10JS |
100V, 25A Rectifi er
|
Sanyo Semicon Device
|
APT150DL60B2 APT150DL60B2G |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
APT50DL60B APT50DL60BG APT50DL60S APT50DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
DBB08 DBB08G-TM-E |
0.8A Single-Phase Bridge Rectifi er
|
ON Semiconductor
|
R6030835 R6021435 R6021235 R6021035 R6031035 R6031 |
FAST RECOVERY RECTIFIER 350 A, 1600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 600 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 400 V, SILICON, RECTIFIER DIODE, DO-9 FAST RECOVERY RECTIFIER 350 A, 800 V, SILICON, RECTIFIER DIODE, DO-9 Fast Recovery Rectifier (350Amperes Average 1600 Volts) 快速恢复整流器350安培平均1600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc. POWEREX INC
|
NSD |
Surface Mount Schottky Barrier Rectifi er Diode
|
NIC-Components Corp.
|
CPD2410 |
Fast Recovery Rectifier 1 Amp Glass Passivated Rectifi er Chip
|
Central Semiconductor Corp
|
DSP25-16AT DSP25-16A DSP25-16AR DSP25 DSP25-12A DS |
Phase-leg Rectifier Diode 28 A, 1600 V, SILICON, RECTIFIER DIODE, TO-268AA Phase-leg Rectifier Diode 28 A, 1600 V, SILICON, RECTIFIER DIODE, TO-247AD Phase-leg Rectifier Diode 28 A, 1200 V, SILICON, RECTIFIER DIODE, TO-268AA Phase-leg Rectifier Diode 28 A, 1200 V, SILICON, RECTIFIER DIODE, TO-247AD RECTIFIER DIODES,DOUBLER,1.6KV V(RRM),TO-247AD From old datasheet system Discrete Rectifier Diodes
|
IXYS, Corp. IXYS[IXYS Corporation]
|
PFF50 |
Axial Leaded Hermetically Sealed High Voltage Superfast Rectifi er Diode
|
Semtech Corporation
|
|