PART |
Description |
Maker |
19073-0236 19073-0218 19073-0231 19073-0242 19073- |
Connector assemblies 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (C-836-06T) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-14) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-56) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL 1/4 RING TERMINAL
|
Molex, Inc. MOLEX INC
|
19203-0034 19203-0099 19203-0042 19203-0035 19203- |
NICKEL/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL RING/HI-TEMP VERSAKRIMP (C-T-328-10) 6 mm2, COPPER ALLOY, NICKEL FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#5, #6 2 mm2, STEEL, NICKEL FINISH, RING TERMINAL NICKLE/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL 6 mm2, STEEL, NICKEL FINISH, RING TERMINAL
|
Molex, Inc. MOLEX INC
|
PN18-10R-C PN18-10R-M PN18-56R-M |
Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Stud Size:#10; Insulator Color:Red; Mounting Hole Dia:.20"; Overall Length:0.88"; Overall Width:0.31"; Pack Quantity:100 1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Fork Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#10; Insulator Color:Red; Overall Length:0.88"; Overall Width:0.31"; Pack Quantity:1000 1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL 1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL ROHS COMPLIANT
|
Panduit, Corp.
|
191640306 191640844 191640845 191640419 19164-0003 |
RING TONGUE TERMINAL PERMA-SEAL NIAC 22-18 AWG CONN RING SEALABLE #10 18-22AWG 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
PMN6-8R-2K |
6 mm2, BRASS, TIN FINISH, RING TERMINAL
|
Panduit, Corp.
|
AA-322-10 |
1.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
MOLEX INC
|
K972 |
85.05 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
THOMAS & BETTS CORP
|
PM2-3R-C |
2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
PANDUIT CORP
|
S6-38LR S250-12LR |
COPPER ALLOY, TIN FINISH, RING TERMINAL 161.29 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
PANDUIT CORP
|
P22-4R-C P10-10RHT6-L |
Ring Tongue Solderless Terminal; Wire Size (AWG):26-22; Stud Size:#4; Pack Quantity:100 COPPER ALLOY, TIN FINISH, RING TERMINAL #12- #10 Barrel Non-Insulated Ring, Stud size #10, length-0.81", width-0.38, diameter-0.22", Temp rating max 150C, Material-Thick copper tin plated UL listed CSA certified COPPER ALLOY, NICKEL FINISH, RING TERMINAL
|
Panduit, Corp.
|
33001-3005 33001-2022 33001-3021 33012-3021 |
MX150 RCPT 0.3 GOLD 22AWG D WIND SLD 0.5 mm2, GOLD FINISH, WIRE TERMINAL MX150 RCPT 0.3 GOLD 18/20AWG BWIND UNSLD 1 mm2, GOLD FINISH, WIRE TERMINAL MX150 RCPT 0.3 GOLD 14/16AWG DWIND UNSLD 2 mm2, GOLD FINISH, WIRE TERMINAL MX150 RCPT 0.3 TIN 14/16AWG D WIND UNSLD 2 mm2, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
|