PART |
Description |
Maker |
XC3000 XC3000A XC3000L XC3020A-7PQ100C XC3030A XC3 |
Description:
XC3000 Field Programmable Gate Array Field Programmable Gate Arrays (XC3000A/L, XC3100A/L)
|
XILINX[Xilinx, Inc]
|
TC624EPA TC622VOA TC624COA TC622EAT TC622EOA TC622 |
Low Cost Single Trip Point Temperature Sensor Low Cost Single Trip Point Temperature Sensor 低成本的单跳变点温度传感 FOOT SWITCH 230VAC 3AMP OPTIONS 低成本的单跳变点温度传感 (TC622 / TC624) Low Cost Single Trip Point Temperature Sensor The TC622 and TC624 are programmable solid state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detec
|
TelCom Semiconductor, Inc. MICROCHIP[Microchip Technology]
|
MAX703209 |
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL
|
Maxim Integrated Products
|
CY22180SXC-XXX CY22180SXI-XXX |
Very Low Jitter Field and Factory Programmable Clock Generator
|
CYPRESS SEMICONDUCTOR CORP
|
MAX7032ATJ |
Low-Cost, Crystal-Based, Programmable, ASK/FSK Transceiver with Fractional-N PLL SPECIALTY TELECOM CIRCUIT, QCC32
|
Maxim Integrated Products, Inc.
|
5962H9475407QYC 5962H9475407QYA 5962H9475405VLA 59 |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Fuse-Programmable PLD 保险丝,可编程的PLD Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 保险丝,可编程的PLD
|
Harwin PLC
|
SST30VR043-500-C-EH SST30VR043-500-C-KH SST30VR043 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 3.3V RoboClock® Low Voltage Programmable Skew Clock Buffer TetraHub High-Speed USB Hub Controller Low-Cost 3.3V Zero Delay Buffer IC USB HOST/PERIPH CNTRL 的SRAM /光盘 3.3V RoboClock® Low Voltage Programmable Skew Clock Buffer TetraHub™ High-Speed USB Hub Controller
|
Silicon Storage Technology, Inc.
|
MAX9202 MAX9202ESD MAX9202EUD MAX9201ESE MAX9203ES |
Low-Cost, 7ns, Low-Power Voltage Comparators COMPARATOR, 7500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 Low-Cost, 7ns, Low-Power Voltage Comparators 低成本7ns、低功耗电压比较器 Low-Cost 7ns Low-Power Voltage Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
OR2C06A OR2C04A OR2T15A |
Field-Programmable Gate Ayyays Field-Programmable Gate Arrays
|
Lattice Semiconductor
|
PSD512B0 ZPSD512B0-C-70J ZPSD512B0-C-70L ZPSD512B0 |
PSD5XX/ZPSD5XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes ROCKER SWITCH, SPST, ILLUM RED; Switch function type:SPST; Current, contact AC max:16A; Temp, op. max:85(degree C); Width, panel cutout:34.5mm; Length, panel cut-out:23.5mm; Colour:Red (illuminated); Current, contact @ contact RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-Off-On; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Slide Switch; Circuitry:DPDT; Contact Current Max:4A; Switch Operation:On-On; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes PSD5XX/ZPSD5XX FAMILY FIELD-PROGRAMMABLE MICROCONTROLLER PERIPHERALS EXPRESS ETHERNET SWITCH 16 PORT ER 2C 2#16S SKT RECP WALL 低成本现场可编程微控制器外围设备 Low Cost Field Programmable Microcontroller Peripherals 低成本现场可编程微控制器外围设备
|
http:// ST Microelectronics 意法半导 STMicroelectronics N.V.
|
XC3042A-6PC84C XC3000-FPGAS-XC3000A/L-XC3100A/L XC |
Field Programmable Gate Arrays (XC3000A/L/ XC3100A/L) XC3000 FPGAs (XC3000A/L, XC3100A/L) Field programmable gate array.
|
Xilinx
|