PART |
Description |
Maker |
STIP4006 STI2006 STIP3006 STI2506 STIP2506 STIP150 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:6A; Holding Current:50mA Transient Surge Protection Thyristor; Package/Case:DO-214AA; Repetitive Reverse Voltage Max, Vrrm:320V; Capacitance:60pF; Holding Current:50mA; Leakage Current:5uA; Mounting Type:Through Hole; On-State Saturation Voltage:4V Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-202; Current, It av:6A; Holding Current:50mA TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 1A I(C) | TO-66 Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:10mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:20mA TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 1A I(C) | TO-66
|
|
BD241CFP |
Transient Surge Protection Thyristor; Package/Case:MS-013; Current, It av:2.2A; Reel Quantity:1500; Capacitance:80pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:200V; Holding Current:150mA 晶体管|晶体管|叩| 100V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
Samsung Semiconductor Co., Ltd.
|
PP0640SA PP0640SB |
Thyristor, Thyristor, 58V Forward Blocking Voltage, 1A On-State Current, 150mA Holding Current, 1420A RMS Current BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR
|
Protek Devices
|
STK10C48-5P35 STK10C48-5P35I STK10C48-5P30 STK10C4 |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Current, It av:10A; Gate Trigger Current Max, Igt:50mA; Holding Current:50mA RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:15A; Holding Current:70mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Internally Triggered; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:25uA; Package/Case:TO-220; Gate Trigger Current Max, Igt:1.5A Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:35mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Gate Trigger Current Max, Igt:50mA NVRAM中(EEPROM的基础 Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA NVRAM中(EEPROM的基础
|
Atmel, Corp.
|
BD537 BD535 BD533 BD533J |
NPN Epitaxial Silicon Transistor Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:25uA; Package/Case:TO-220; Gate Trigger Current Max, Igt:1.5A; Holding Current:60mA Medium Power Linear and Switching Applications 8 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-220
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
STGB3NB60SD STGB3NB60SDT4 |
N-CHANNEL 3A - 600V D2PAK Power MESHIGBT N沟道3A 600V的D2PAK封装IGBT的电力网格⑩ Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:100pF; Forward Current:5A; Forward Voltage:12V; Holding Current:100uA; Mounting Type:Surface Mount N沟道3A 600V的IGBT的采用D2PAK POWERMESH N-CHANNEL 3A - 600V D2PAK Power MESH IGBT N-CHANNEL 3A - 600V D2PAK POWERMESH IGBT N-CHANNEL 3A - 600V D2PAK Power MESH⑩ IGBT
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
IHSM-7832 IHSM-7832-RG3R9L IHSM-7832RG3R9L IHSM-78 |
High Current, Flame Retardant Encapsulated Inductor High Current Surface Mount Inductor High Current, Surface Mount Inductor 高电流,表面贴装电感 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc. VISHAY DALE
|
41KD-J 41KD-W 41KD |
Interrupt Holding Register
|
List of Unclassifed Manufacturers ETC[ETC] Agere Systems
|
BCP68-10 BCP68-16 Q62702-C2126 Q62702-C2128 Q62702 |
From old datasheet system NPN Silicon AF Transistor (For general AF application High collector current High current gain)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BDP954 Q62702-D1340 BDP952 BDP956 Q62702-D1344 Q62 |
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
|