PART |
Description |
Maker |
73412-0110 |
MCRF-to-MCRF, 1.37mm Cable Diameter, Length 152.4mm, H25, 50 Ohms, Bag
|
Molex Electronics Ltd.
|
80C186EC 80C188EC 80L186EC 80L188EC 80C186EC20 80C |
16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS 16位高集成嵌入式处理器 CAPACITOR 4700UF 16V CAPACITOR 4700UF 16V; CAPACITANCE:4700UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:ZLH; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
Intel Corp. Intel, Corp.
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
PE7089-6 |
6 dB Fixed Attenuator, 2.4mm Male To 2.4mm Female Stainless Steel Body Rated To 1 Watt Up To 50 GHz
|
Pasternack Enterprises, Inc.
|
FL75L07-A FL75L07A-12 FL75L10-A FL75L20-A |
Small size: 25.4mm x 25.4mm x 12.0mm
|
Delta Electronics, Inc.
|
13442 13442-01 |
CAPACITOR, ALEL, RADIAL, 1200uF, -20%, 16V 电容器,阿莱勒,径向200uF20%,16V CAPACITOR ALEL RADIAL 1200uF -20% 16V
|
Vicor, Corp. VICOR[Vicor Corporation]
|
AIC1523 AIC1523-0CO AIC1523-0CS AIC1523-1CO AIC152 |
500mA Power Distribution Switch CAP .22UF 16V PEN FILM 1913 5% CAP .12UF 16V PEN FILM 1913 5% CAP .15UF 16V PEN FILM 1913 5%
|
AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
OSV5YL4131A |
4mm Round Violet LED 4mm Round Standard Directivity High Luminous LEDs
|
OptoSupply International
|
2N6478 2N6477 |
Shrink Tubing; Tubing Size Diameter:0.5"; Wall Thickness Recovered Nominal:0.055"; Inner Diameter Max Recovered:0.195"; Expanded Inner Diameter:0.500"; Material:Polyolefin 中功率硅NPN晶体 MEDIUM POWER SILICON NPN TRANSISTORS
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
LC372100PM LC372100PM-10LV LC372100PM-20LV LC37210 |
CAP 10UF 16V 10% TANT SMD-6032-28 TR 2迈可262144字8位)掩模ROM内部时钟硅门 CAP 10UF 16V 10% TANT SMD-6032-28 TR-13 2迈可262144字8位)掩模ROM内部时钟硅门 CAP 10UF 16V 20% TANT SMD-3528-21 TR-13 2迈可262144字8位)掩模ROM内部时钟硅门 2 MEG (262144 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|