PART |
Description |
Maker |
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
P5KE60 P5KE60A P5KE64 P5KE64A P5KE65 P5KE65A P5KE3 |
5.0 thru 170 volts 500 Watts Transient Voltage Suppressors 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41 Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
Microsemi, Corp. Micro Commercial Components, Corp. MICROSEMI[Microsemi Corporation]
|
MMSZ2V7ET1G MMSZ9V1ET1 MMSZ10ET1 MMSZ10ET1G MMSZ11 |
Zener Voltage Regulators 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits; Package: MICRO SMD; No of Pins: 6; 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 500 mW SOD123 Surface Mount(500mWB>SOD123,表面安装齐纳稳压管) Zener Voltage Regulators 500 mW SOD−123 Surface Mount Zener Voltage Regulators 500 mW SOD−123 Surface Mount
|
ONSEMI[ON Semiconductor]
|
SA80 SA51 SA110 SA100 SA43 SA22 SA45A SA150A SA48A |
5.0 thru 170 volts 500 Watts Transient Voltage Suppressors 5.0 thru 170 volts 500 Watts Transient Voltage Suppressors 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-41 TOOL LONGNOSE ANTI-SHOCK SHEAR RES 21.5 OHM 1/16W .5% 0603 SMD
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-SCOTTSDALE
|
SA18 SA14 |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEK DEVICES
|
L50ESDL12VH4-2 |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
LITE-ON SEMICONDUCTOR CORP
|
S8ULC05-2 S8ULC03-2 |
500 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE SO-8
|
Sensitron Semiconductor
|
SA14 |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
VISHAY SEMICONDUCTORS
|
SMDB12-G |
500 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
SENSITRON SEMICONDUCTOR
|
SMA5J22-E3/2G |
500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC
|
VISHAY SEMICONDUCTORS
|
TCRD10V TCRD2V2 TCRD2V4 TCRD2V7 TCRD4V3 TCRD4V7 TC |
10.41 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 9.39 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 10.06 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
MSPP5K30CATR MQP5K30CATR MSPP5K30CAE3TR MAP5K30CAE |
500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
|