PART |
Description |
Maker |
ISL51002 |
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features(?锋?娴?????棰??????界?10-Bit瑙??妯℃????(AFE))
|
Intersil Corporation
|
ADAS1000 ADAS1000-1 ADAS1000-2 |
Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End with respiration measurement and pace detection) Low Power 5 electrode ECG Analog Front End Low Power 5 electrode ECG Analog Front End Companion Chip
|
Analog Devices
|
AD73311ARS AD73311ARZ AD73311LARUZ-RL7 |
Low Cost/ Low Power CMOS General Purpose Analog Front End Single-Channel, 3 V and 5 V Front-End Processor for General Purpose Applications Including Speech and Telephony; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO20 Low Cost, Low Power CMOS General Purpose Analog Front End
|
Analog Devices, Inc.
|
MAX19713ETN |
10-Bit, 45Msps, Full-Duplex Analog Front-End
|
Maxim Integrated Products
|
AD73311 AD73311AR AD73311ARS EVAL-AD73311EB EVAL-A |
Single-Channel, 3 V and 5 V Front-End Processor for General Purpose Applications Including Speech and Telephony Low Cost, Low Power CMOS General Purpose Analog Front End
|
AD[Analog Devices]
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
EL450106 EL4501IUZ-T7 EL4501IU EL4501IU-T13 EL4501 |
Video Front End
|
INTERSIL[Intersil Corporation]
|
EL4102CU EL4102 EL4102C |
500MHz Video Front End: 4-1 MUX, VGA & DC-Restore CONTACT 500MHz Video Front End: 4-1 MUX/ VGA & DC-Restore
|
ELANTEC[Elantec Semiconductor]
|
ADS1299IPAGR |
<font color=red>[Old version datasheet]</font> Low-Noise, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
|
TI store
|
STLC60134 STLC60134S 6735 |
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT TOSCA TM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT From old datasheet system
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ADS1293CISQENOPB |
<font color=red>[Old version datasheet]</font> ADS1293 Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
|
TI store
|
ADMCF341 ADMCF341BR ADMCF341-EVALKIT |
DashDSP⑩ 28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End DashDSP 28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
|
AD[Analog Devices]
|