PART |
Description |
Maker |
ATF750LVC ATF750LVC-15JC ATF750LVC-15JI ATF750LVC- |
High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDSO24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PDIP24 High-speed Complex Programmable Logic Device EE PLD, 15 ns, PQCC28 PS2 TO SUN MD8 FLASH CABL 高速复杂可编程逻辑器件 From old datasheet system
|
Atmel, Corp. ATMEL[ATMEL Corporation]
|
ATV2500H ATV2500H-25DC ATV2500H-25DI ATV2500H-25DM |
120 OHM 1% 1/8 W High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CDIP40 High-Density UV-Erasable Programmable Logic Device OT PLD, 35 ns, PQCC44 High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CQCC44 High-Density UV-Erasable Programmable Logic Device OT PLD, 30 ns, PDIP40 High-Density UV-Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
GAL16V8S GAL16V8S-20EC1 GAL16V8S-20EB1 GAL16V8S-20 |
EPROM CMOS Programmable Logic Device E2PROM CMOS PROGRAMMABLE LOGIC DEVICE
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ATV2500B-15KM/883 ATV2500BL-20KM/883 ATV2500BQL-30 |
High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PDIP40 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 15 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CDIP40 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PDIP40 ER 4C 4#8 SKT RECP BOX Seals Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:14; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female RoHS Compliant: No Circular Connector; No. of Contacts:14; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:22-19 RoHS Compliant: No ER 14C 14#16 SKT RECP CONTROL KNOB RoHS Compliant: Yes ER 3C 3#8 SKT RECP BOX ER 7C 7#16 PIN RECP ER 3C 1#16 2#8 PIN RECP BOX ER 9C 9#16 PIN RECP
|
Atmel, Corp. Atmel Corp. http:// ATMEL Corporation
|
ATV2500L-30DM/883 ATV2500L-30JI |
High-Density UV-Erasable Programmable Logic Device UV PLD, 30 ns, CDIP40 High-Density UV-Erasable Programmable Logic Device OT PLD, 30 ns, PQCC44
|
Atmel, Corp.
|
2N6836 ST535 ST555 ST556 2N6835 ST554 FT401 |
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 2A I(C) | TO-3 NPN & PNP High Voltage Silicon High Power Transistors Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:64; Package/Case:44-PLCC; Mounting Type:Surface Mount IC CONFIG DEVICE 212KBIT 20-PLCC TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 8A I(C) | TO-204AC IC CONFIG DEVICE 1MBIT 20-PLCC
|
Semiconductor Technology, Inc.
|
LC51024MC-52FN672C LC51024MC-75FN672C LC51024MC-75 |
1.8V in-system programmable expanded programmable logic device XPLD. 3.3V in-system programmable expanded programmable logic device XPLD. 2.5V in-system programmable expanded programmable logic device XPLD.
|
Lattice Semiconductor
|
EPM7064TC44-15 EPM7064TC44-7 EPM7128EQC160-10P EPM |
EE PLD, 15 ns, PQFP44 TQFP-44 EE PLD, 7.5 ns, PQFP44 TQFP-44 EE PLD, 10 ns, PQFP160 PLASTIC, QFP-160 EE PLD, 7.5 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160 PLASTIC, QFP-160 EE PLD, 10 ns, PQFP100 PLASTIC, QFP-100 EE PLD, 7.5 ns, PQFP100 PLASTIC, QFP-100 Programmable Logic Device Family High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture Programmable Logic Device Family
|
Altera International Limited Altera Corporation
|
EPM7000B EPM7032B |
(EPM7000B) Programmable Logic Device
|
Altera Corporation
|
MAX3000A06 MAX3000A EPM3032A EPM3064A EPM3128A EPM |
Programmable Logic Device Family
|
ALTERA[Altera Corporation]
|
ISD1212P |
Programmable Logic
Device Family
|
N.A.
|