PART |
Description |
Maker |
2PB709ARL_DG 2PB709ARL 2PB709ASL 2PB709ASL/DG 2PB7 |
45 V, 100 mA PNP general-purpose transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PLASTIC PACKAGE-3
|
NXP Semiconductors N.V.
|
BCX79-IX BCX79-VII BCX79-VIII BCX79-X Q62702-C718 |
From old datasheet system PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 RES,SMC,681,0HM,1/4W/1%,1 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 自动对焦进步党硅晶体管(高电流增益低集电极发射极饱和电压
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BC557CG BC557CZL1G BC556B07 |
Amplifier Transistors PNP Silicon 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
DDTA114GUA-7 DDTA115GUA-7 |
TRANS PREBIASED PNP 200MW SOT323 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
DDTA114GCA-7 |
TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
FMMT2907ATA FMMT2907ATC BSS67TC BSS80B BSS80BTC HT |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 800 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC ZETEX PLC
|
2SC4504C1-TD 2SA1575C1-TD 2SA1740E2-TD 2SA1575D-TD |
300 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 100 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 200 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243
|
SANYO SEMICONDUCTOR CO LTD
|
BFT37A FT37AR1 |
5000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar PNP Device in a Hermetically sealed TO39
|
SEMELAB LTD Seme LAB
|
NSS1C200LT1G |
100V 2A Low Vce(sat) PNP SOT-23 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236
|
ON Semiconductor
|
|