PART |
Description |
Maker |
AVT3442613 AV3300613 AV3324613 AV32523 AV3412613 A |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, THROUGH HOLE-STRAIGHT ROHS COMPLIANT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3A, 30VDC, 3.3mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 3.3mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5A, 30VDC, 4mm, THROUGH HOLE-RIGHT ANGLE
|
|
DB1GB1WC DB1GB1VB DB1GB1SC DB1GB1RC DB1GB1BA DB1GB |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 19mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6mm, PANEL MOUNT SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.6mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 19mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 6mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
D362-A8MA D369-A8JA D369-A8ML D361-W9LD D369-W9LD |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 21.9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 12.8mm, PANEL MOUNT
|
THE CHERRY CORP
|
E53-00R E51-61B E51-00E E51-01T E51-02T E51-50E E5 |
SWITCH LEVER CW SPDT .1A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
V15T16CZ200A01XXK V15H16-CP100A-03 V15T22-CP100B05 |
Electromechanical switch designed for enhanced reliability at a great value. SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT Electromechanical basic Switch SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
Honeywell Solid State Electronics Center HONEYWELL SENSING AND CONTROL Honeywell Solid State Elect... Honeywell Solid State E...
|
DC1EP4LD DC3CK7LD DC3CK7RD DC1FT7SD |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 48VDC, THROUGH HOLE-RIGHT ANGLE
|
ZF Electronics, Corp. THE CHERRY CORP
|
LCA00A140L18LC |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 28VDC, THROUGH HOLE-RIGHT ANGLE
|
ITT CANNON
|
311SM68-H4 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 2.62mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
D2SW-P2L3D |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 30VDC, 0.8mm, THROUGH HOLE-STRAIGHT
|
ZETTLER electronics GmbH
|
BZE6-2RN-FR |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 7.54mm, PANEL MOUNT
|
Clarostat
|
B1-12113 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 28VDC, 0.46mm, PANEL MOUNT
|
OTTO ENGINEERING INC
|
|