PART |
Description |
Maker |
HFBR-59L1AL |
HFBR-59L1AL · 1.25 GBd Ethernet and 1.0625 GBd Fiber Channel MMF Small Form Factor PTH Transceiver , -10C to 85C Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
ORT8850L ORT8850 ORT8850H |
Field-Programmable System Chip (FPSC) Eight-Channel x 850 Mbits/s Backplane Transceiver
|
AGERE[Agere Systems]
|
V23839-R35-L55 V23839-R36-L55 |
iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC⑩ Connector iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
IRF840 |
8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
MA4EXP950M-1277T MA4EXP950M-1277 |
850 MHz - 1050 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9.1 dB CONVERSION LOSS-MAX Silicon Double Balanced HMIC Mixer, 850 - 1050 MHz
|
MACOM[Tyco Electronics]
|
MCP6L92T-E_MS MCP6L92T-E_OT MCP6L92T-E_SL MCP6L92T |
10 MHz, 850 μA Op Amps 10 MHz, 850 楼矛A Op Amps
|
Microchip Technology
|
PL-SXR-00-S23-CX |
850 nm 2.5 G ROSA
|
JDS Uniphase Corporation
|
PL-VD0-00-SG0-C0 |
850 nm 4.25 G VCSEL Die
|
JDS Uniphase Corporation
|
SPL2F85 |
Laser TO220 850 nm
|
Infineon
|