PART |
Description |
Maker |
BC32725TA BC32725TFR BC327ABU BC32740BU BC32725TAR |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
KTC8550S |
800 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
BT4355S62Z |
800 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD SEMICONDUCTOR CORP
|
BC32725 BC32740 BC32825 BC327 BC32840 BC32716 BC32 |
Switching and Amplifier Applications PNP EPITAXIAL SILICON TRANSISTOR 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
BCW68HTA |
TRANSISTOR PNP -45V SOT-23 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC
|
KRA521T KRA523T KRA524T KRA522T KRA526T KRA525T |
Built in Bias Resistor (KRA521T - KRA526T) EPITAXIAL PLANAR PNP TRANSISTOR EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT) 800 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Korea Electronics (KEC)
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
2SD414 2SD415 2SB548 2SB549 2SD414Q 2SD414Q-AZ |
800 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP/NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS (2SB548) PNP/NPN Silicon Epitaxial Transistor
|
NEC[NEC]
|
JANS2N2906A JAN2N2907A JANTX2N2907A JANTX2N2907AL |
PNP SMALL SIGNAL SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 64 x 18 asynchronous FIFO memory 56-SSOP 0 to 70 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
DCX124EK DCX124EK-7 DCX144EK-7 DCX144EK DCX114YK-7 |
Redel 1P/ Female Solder 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDA114EK DDA114EK-7 DDA114TK DDA114TK-7 DDA114YK D |
PNP PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 70 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDTA115TUA-7-F DDTA113TUA-7-F DDTA123TUA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
|