PART |
Description |
Maker |
05U4L 05U1L 05U3L 05U2L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere 0.5 A, 200 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor RECTRON LTD
|
CPR1-120LEADFREE CPR1-080LEADFREE CPR1-100LEADFREE |
1 A, 1200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 800 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 1000 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 100 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 600 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 400 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN
|
Central Semiconductor, Corp.
|
BYD33DGP-HE3 BYD33GGP-E3 |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, LEAD FREE, PLASTIC, DO-41, 2 PIN, Signal Diode 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Semiconductors
|
BAV23S BAV23A BAV23C BAV23C-TP |
350mW Small Signal Diode 0.225 A, 200 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components
|
S1YA20-4101 |
0.85 A, 200 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Electronic Theatre Controls, Inc.
|
BAV201 BAV202 |
0.25 A, 120 V, SILICON, SIGNAL DIODE 0.25 A, 200 V, SILICON, SIGNAL DIODE
|
VISHAY TELEFUNKEN
|
10DRA20 |
FRD - 1A 200V 60ns 1 A, 200 V, SILICON, SIGNAL DIODE
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
1N5614GP/4G-E3 1N5614GP/4F-E3 |
1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AC PLASTIC, DO-15, 2 PIN
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
MUR120-T MUR120-B |
1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes Inc. Diodes, Inc.
|
AU1PJHM3/84A AU1PJHM3/85A AU1PDHM3/85A AU1PDHM3/84 |
Surface Mount Ultrafast Avalanche Rectifiers 1 A, 200 V, SILICON, SIGNAL DIODE, DO-220AA HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, SMP, 2 PIN 1 A, 400 V, SILICON, SIGNAL DIODE, DO-220AA HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, SMP, 2 PIN 1 A, 600 V, SILICON, SIGNAL DIODE, DO-220AA
|
Vishay Siliconix Vishay Beyschlag VISHAY SEMICONDUCTORS
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
|