PART |
Description |
Maker |
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
M68AW256ML70ZB6 M68AW256ML55ND1 M68AW256ML55ND1E M |
4 Mbit (256K x16) 3.0V Asynchronous SRAM 4兆位56K × 16.0V异步SRAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 256K X 16 STANDARD SRAM, 70 ns, PBGA48
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
CY7C1041V33 CY7C1041V33-15ZC CY7C1041V33-20ZC CY7C |
256K x 16 Static RAM 256K X 16 STANDARD SRAM, 17 ns, PDSO44 From old datasheet system GIGATRUE 550 CAT6 MOLDED COMPONENT, RED 7FT 256K x 16 Static RAM 256K X 16 STANDARD SRAM, 25 ns, PDSO44 256K x 16 Static RAM 256K X 16 STANDARD SRAM, 12 ns, PDSO44
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS61LV25616AL-8LQI IS61LV25616AL-12BI IS61LV25616A |
256K X 16 STANDARD SRAM, 8 ns, PQFP44 LQFP-44 256K X 16 STANDARD SRAM, 12 ns, PBGA48 256K X 16 STANDARD SRAM, 8 ns, PDSO44
|
Hitachi,Ltd. INTEGRATED SILICON SOLUTION INC
|
AS7C4098A-12TCN ALLIANCEMEMORYINC-AS7C4098A-12TIN |
IC,AS7C4098A-12TCN,TSOP-44 II, SRAM,12NS,256K X 16,5V 256K X 16 STANDARD SRAM, 12 ns, PDSO44 256K X 16 STANDARD SRAM, 20 ns, PDSO44
|
Alliance Memory, Inc. ALLIANCE MEMORY INC
|
MT5C1005F-20L_883C MT5C1005F-20L_IT MT5C1005F-20L_ |
256K x 4 SRAM SRAM MEMORY ARRAY 256K X 4 STANDARD SRAM, 25 ns, CDFP32 256K x 4 SRAM SRAM MEMORY ARRAY 256K X 4 STANDARD SRAM, 25 ns, CDSO32 256K x 4 SRAM SRAM MEMORY ARRAY 256K X 4 STANDARD SRAM, 20 ns, CDSO32 256K x 4 SRAM SRAM MEMORY ARRAY 256K X 4 STANDARD SRAM, 35 ns, CDIP28 256K x 4 SRAM SRAM MEMORY ARRAY 256K X 4 STANDARD SRAM, 35 ns, CDFP32
|
Austin Semiconductor, Inc
|
HY62SF16404D HY62SF16404D-DF85I |
256K X 16 STANDARD SRAM, 85 ns, PBGA48 High speed, super low power and 4M bit full CMOS SRAM organized as 256K words by 16bits
|
HYNIX SEMICONDUCTOR INC
|
AS7C3256K32P-4TQC AS7C3256K32P-3.5BC |
256K X 32 STANDARD SRAM, 4 ns, PQFP100 256K X 32 STANDARD SRAM, 3.5 ns, PBGA119
|
INTEGRATED SILICON SOLUTION INC ALLIANCE SEMICONDUCTOR CORP
|
AS7C4098 AS7C34098-15TC AS7C34098-15TCN AS7C34098- |
High Speed CMOS Logic Quad 2-Input Schmitt-Triggered NAND Gates 14-SOIC -55 to 125 5V/3.3V 256K x 16 CMOS SRAM 5V/3.3V 256K × 16 CMOS SRAM 5V/3.3V 256K x 16 CMOS SRAM 256K X 16 STANDARD SRAM, 10 ns, PDSO44 5V/3.3V 256K x 16 CMOS SRAM 256K X 16 STANDARD SRAM, 15 ns, PDSO44 Replaced by SN74LV240A : Octal Buffer/Driver With 3-State Outputs 20-SSOP -40 to 85 Replaced by SN74LV240A : Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Replaced by SN74LV240A : Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C197BN-25PC CY7C197BN-15VC |
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 15 ns, PDSO24 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 25 ns, PDIP24
|
Cypress Semiconductor, Corp.
|
UPD444016LG5-A10-7JF UPD444016LG5-A12-7JF UPD44401 |
256K X 16 STANDARD SRAM, 8 ns, PDSO44 4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT 4分位CMOS快速静态存储器256K字由16
|
NEC, Corp. NEC Corp. NEC[NEC]
|