PART |
Description |
Maker |
PEB20534H-52 PEB20534H-10 |
DMA Supported Serial Communication Controller with 4 Channels DSCC4
|
SIEMENS AG
|
LA6261 LA626107 |
For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
|
Sanyo Semicon Device
|
EMC1152-1-AIZL-TR |
SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels 海温的硬件显示器温度通道和两个电压通道
|
SMSC, Corp.
|
EMC1152 EMC1152-1-AIZL-TR EMC1152-AIZL-TR |
SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
|
SMSC Corporation
|
82C37 HS-82C37RH |
CMOS High Performance Programmable DMA Controller Direct Memory Access Controller, CMOS, 2.5MBPS, 50A, Rad-Hard DMA Controller, Programmable, CMOS, 5, 8, and 12.5MHz
|
Intersil
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
AN1063D M68000PMAD MC68340FE25 MC68340FE8V MC68340 |
Integrated Processor with DMA User’s Manual Integrated Processor with DMA User s Manual Integrated Processor with DMA Users Manual
|
Freescale Semiconductor, Inc Motorola, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
MRF6P27160H_06 MRF6P27160H MRF6P27160HR6_06 MRF6P2 |
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET 2700 MHz, 35 W AVG., 28 V Single N??DMA Lateral N??hannel RF Power MOSFET
|
FREESCALE[Freescale Semiconductor, Inc] MOTOROLA
|
UPD71071 |
DMA Controller
|
NEC Electronics
|
MC68340AG16E |
Integrated Processor With DMA
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
HD63450CP-12 HD63450Y-6 HD63450Y-8 HD63450Y-12 HD6 |
DMA Controller DMA控制
|
Hitachi,Ltd.
|