PART |
Description |
Maker |
STD1NB80- STD1NB80-1 6190 STD1NB80 |
N-CHANNEL 800V - 16 OHM - 1A - IPAK POWERMESH MOSFET N-CHANNEL 800V - 16 OHM - 1A - DPAK/IPAK POWERMESH MOSFET N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET N - CHANNEL 800V - 16 - 1A - IPAK PowerMESH TM MOSFET N-CHANNEL POWER MOSFET From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD2NB80 6424 STD2NB80T4 |
From old datasheet system N-CHANNEL MOSFET N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 1.9A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 1.9AI(四)|52AA
|
SGS Thomson Microelectronics ST Microelectronics 意法半导 STMicroelectronics N.V.
|
STB7NC80Z STB7NC80Z-1 STP7NC80ZFP STP7NC80Z STBB7N |
6.5 A, 800 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL MOSFET New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB4NB80 STB4NB80FP 5976 |
N - CHANNEL 800V - 3 Ohm - 4A - PowerMESH MOSFET From old datasheet system N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N-Channel 800V-3Ω-4A- TO-220/TO-220FP PowerMESHTM MOSFET(N沟道MOSFET) N沟道800V3Ω- 4A条,TO-220/TO-220FP PowerMESHTM MOSFET的(不适用沟道MOSFET的)
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STP6NB80 STP6NB80FP |
N-CHANNEL 800V - 1.6 OHM - 5.7A - TO-220/TO-220FP
|
ST Microelectronics
|
STP4NK80ZFP STP4NK80Z STD4NK80Z 9250 STD4NK80Z-1 |
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH⑩ Power MOSFET From old datasheet system N-Channle MOSFET N-CHANNEL 800V - 3 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH Power MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N沟道800V 3ohm -A TO-220/TO-220FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
STW12NK80Z |
CONNECTOR ACCESSORY N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 800V - 0.65ohm - 10.5A TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 800V - 0.65 OHM - 10.5 A TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET
|
意法半导 STMicroelectronics ST Microelectronics
|
STP7NC80Z STP7NC80ZFP STB7NC80ZT4 |
N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET
|
ST Microelectronics
|
STB4NC80Z-1 STB4NC80ZT4 STP4NC80Z STP4NC80ZFP |
N-CHANNEL 800V 2.4 OHM 4A TO-220 TO-220FP D2PAK I2PAK ZENER PROTECTED POWERMESH III MOSFET
|
ST Microelectronics
|
FQD2N80 FQU2N80 FQD2N80TF FQD2N80TM FQU2N80TU |
800V N-Channel MOSFET TRANSISTOR|MOSFET|N-CHANNEL|800VV(BR)DSS|1.8AI(D)|TO-252AA
800V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
APT8018JN |
POWER MOS IV 800V 40A 0.18 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|