PART |
Description |
Maker |
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
FM305B FM306B FM303B FM302B FM304B FM301B FM302B-W |
3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
MR750RL MR751RL MR752RL MR754RL |
6A 50V Silicon Rectifier 6A 100V Silicon Rectifier 6A 200V Silicon Rectifier 6A 400V Silicon Rectifier
|
ON Semiconductor
|
CMSH3-20MA CMSH3-60MATR13 CMSH3-100MATR13 |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS 3 A, 20 V, SILICON, RECTIFIER DIODE 3 A, 60 V, SILICON, RECTIFIER DIODE 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
IR30CDR..LSERIES IR30CDR04LPBF IR30CDR10L IR30CDR0 |
1000 V, SILICON, RECTIFIER DIODE 400 V, SILICON, RECTIFIER DIODE HIGH POWER RECTIFIER DIODES 800 V, SILICON, RECTIFIER DIODE
|
VISHAY SEMICONDUCTORS International Rectifier
|
SDM30008 SDM30016 SDM30004 SDM300 SDM30002 SDM3000 |
300 A, 400 V, SILICON, RECTIFIER DIODE SILICON POWER RECTIFIER Standard Rectifier (trr more than 500ns)
|
MICROSEMI CORP-COLORADO MICROSEMI[Microsemi Corporation]
|
DB107-BP DB105-BP DB101-BP DB104-BP |
RECTIFIER BRIDGE 1A 1000V DB-1 1 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1A 600V DB-1 1 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1A 50V DB-1 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1A 400V DB-1
|
Micro Commercial Components, Corp.
|
VK848A VK247B VK148 VK148A VK648C |
15 A, 800 V, SILICON, RECTIFIER DIODE 15 A, 200 V, SILICON, RECTIFIER DIODE 5 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 15 A, 100 V, SILICON, RECTIFIER DIODE 15 A, 600 V, SILICON, RECTIFIER DIODE
|
MICROSEMI CORP
|
|