PART |
Description |
Maker |
926820-6 |
1.5 mm2, COPPER ZINC ALLOY, TIN FINISH, PUSH-ON TERMINAL
|
|
19073-0085 19073-0096 19073-0094 19073-0087 19073- |
CONN RING TERM #8 14-16AWG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (BB-839-08T) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (BB-839-08) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL #10 RING TERMINAL 100/PKG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL BB-837-06T RING AVIKRIMP TAPED 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Molex, Inc.
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
YAZ6C-2TC38E6-45 YAZ6C-2TC38E6-90 YAZ2C-2TC10E2 YA |
16 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 35 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 95 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 70 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 16 mm2, WIRE TERMINAL 185 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 150 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Rohm Co., Ltd. KEC Holdings NIC Components, Corp. Everlight Electronics Co., Ltd. NXP Semiconductors N.V.
|
YAV400FM12 YAV240FM14 |
400 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL 240 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
|
YAG2CL-2TC14E1-LD-45 YAG2CL-2TC14E2-LD-90 YAG36L-2 |
35 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 95 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 500 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
|
RSQ7410A10-70 RSQ7404.001A6-10 RSQ7414.001A20-150 |
70 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 10 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 150 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
STOCKO CONTACT GMBH & CO KG
|
P14-P47-M |
2.5 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
PANDUIT CORP
|
YSM18 |
1.23 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
SIEMENS AG
|
YA8C-TC10 |
10 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Abracon, Corp.
|
|