PART |
Description |
Maker |
BC857BWT1 BC857AWT1 BC858BWT1 BC856BWT1 BC858AWT1 |
CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 419-02/ STYLE 3 SOT-323/SC-70 CASE 419-02 STYLE 3 SOT-323/SC-70
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
DTA124EUA |
SOT-323 DIGITAL TRANSISTOR TRANSISTORS(PNP)
|
Rectron Semiconductor
|
MMST4403 |
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
|
Rectron Semiconductor
|
DDTBU |
PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDTA124EUA-13-F DDTA123EUA-7-F DDTA123EUA-13-F DDT |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
|
Diodes Inc.
|
DDTA114GUA-7-F DDTA115GUA-7-F DDTA124GUA-7-F |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
|
Diodes Inc.
|
DDTA114TUA DDTA114TUA-7 DDTA125TUA DDTA125TUA-7 DD |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
2SB1198 2SB1198K A5800312 2SB1198KQ |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 500MA I(C) | SC-59 From old datasheet system Low-frequency Transistor(-80V, -0.5A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Low-frequency Transistor(-80V/ -0.5A)
|
ROHM[Rohm]
|
2SC4853 2SC4853-5 2SC4853-3 |
NPN Epitaxial Planar Silicon Transistor Low-Voltage, Low-Current High-Frequency Amplifier Applications TRANSISTOR | BJT | NPN | 6V V(BR)CEO | 15MA I(C) | SOT-323 晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一(c)|的SOT - 323
|
Sanyo Microchip Technology, Inc.
|