PART |
Description |
Maker |
LCD160X160A LCD-160X160A |
160 x 160 Dots Graphic LCD 160 × 160点阵图形液晶显示 CONNECTOR ACCESSORY
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
LCD-160G160A |
160 x 160 Dots Graphic LCD 160 × 160点阵图形液晶显示
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
MJH6284 MJH6287 MJH6282 MJH6283 MJH6285 MJH6286 |
Supplementary protector; Current Rating:25A; No. of Poles:2; Mounting Type:DIN Rail RoHS Compliant: Yes DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 80 / 100 VOLTS 160 WATTS DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
2M6.8Z 2M2.Z 2M2.0Z 2M160Z 2M30Z 2M39Z 2M36Z 2M47Z |
2.0 Watts Glass Passivated Junction Silicon Zener Diodes 160 V, 2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-15
|
Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Compan... Taiwan Semiconductor Co...
|
HDM160GS16C |
160 X 160 Dots Color Graphic, Low Power w/Touch Screen
|
HANTRONIX[Hantronix,Inc]
|
WG160160A |
LCD MODULE GRAPHIC 160 x 160 DOTS
|
WINSTAR List of Unclassifed Manufacturers
|
LCD-160G160B |
160 x 160 Dots Graphic LCD
|
Vishay Intertechnology
|
DSS2X160-0035A |
160 A, 35 V, SILICON, RECTIFIER DIODE
|
IXYS CORP
|
TFH160A |
160 MHz SAW Filter For CDMA Basestation Applications(160 MHz SAW滤波CDMA基站设备应用))
|
Vectron International, Inc.
|
IRS2118SPBF |
Asynchronous SRAM; Organization (word): 256K; Organization (bit): x 16; Memory capacity (bit): 4M; Access time (ns): 12; Supply voltage (V): 4.5 to 5.5; Operating temperature (°C): 0 to 70; Package: SOJ (44); Status: Remarks:
|
International Rectifier
|
BCX55 BCX56 BCX55-16 BCX54 BCX54-10 BCX54-16 BCX56 |
General Purpose Transistors - SOT89; VCEO=60 V; hFE=100...250 General Purpose Transistors - SOT89; VCEO=80V; hFE=40...250 General Purpose Transistors - SOT89; VCEO=80V; hFE=63...160 General Purpose Transistors - SOT89; VCEO=60V; hFE=63...160 General Purpose Transistors - SOT89; VCEO=45V; hFE=63...160 NPN Silicon AF Transistors NPN AF硅晶体管 NPN Silicon AF Transistors
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
TC74AC273P07 TC74AC273P TC74AC273F |
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear Zener Diode; Application: General; Pd (mW): 200; Vz (V): 4.42 to 4.61; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V):   ESD (kV) min: -; Package: URP CMOS数字集成电路硅单片八路D类拖鞋与Clear Zener Diode; Application: General; Pd (mW): 200; Vz (V): 4.55 to 4.75; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V):   ESD (kV) min: -; Package: URP CMOS数字集成电路硅单片八路D类拖鞋与Clear
|
Toshiba Semiconductor Toshiba, Corp.
|