PART |
Description |
Maker |
LT1175 LT1175C LT1175CN8 LT1175CN8-5 LT1175CQ LT11 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDIP8 500mA Negative Low Dropout Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LM7908-39 SEMELABLTD-LM7908-TO39 LM7908-SM LM7815A |
8 V FIXED NEGATIVE REGULATOR, MBCY3 8 V FIXED NEGATIVE REGULATOR, CBCC3 15 V FIXED POSITIVE REGULATOR, MBFM2 15 V FIXED POSITIVE REGULATOR, PSFM3 15 V FIXED POSITIVE REGULATOR, MBCY3 24 V FIXED POSITIVE REGULATOR, PSFM3 24 V FIXED POSITIVE REGULATOR, CBCC3 15 V FIXED POSITIVE REGULATOR, MSFM3
|
SEMELAB LTD
|
OM1915NTM OM1912NTM OM1905STM OM1915STM OM1912STM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A5V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A15V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A12V,三端精密型固定负电压稳压器)
|
International Rectifier List of Unclassifed Manufacturers
|
L79L05ACD L79L05ACU |
5 V FIXED NEGATIVE REGULATOR, PDSO8 5 V FIXED NEGATIVE REGULATOR, PSSO3
|
STMICROELECTRONICS
|
KA79M05RTFNL |
Fixed Negative Voltage Regulator 5 V FIXED NEGATIVE REGULATOR, PSSO3
|
Fairchild Semiconductor, Corp.
|
OM7634NM OM7633NM OM7632NM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS
|
International Rectifier ETC List of Unclassifed Manufacturers
|
KA7915 KA7915A KA7905 KA7905A KA7910 KA7912 KA7912 |
3-Terminal 1A Negative Voltage Regulator 5 V FIXED NEGATIVE REGULATOR, PSFM3
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
LT1175CQ-5PBF LT1175IQ-5TR LT1175IQ-5PBF LT1175IT- |
500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 5 V FIXED NEGATIVE LDO REGULATOR, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED NEGATIVE LDO REGULATOR, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED NEGATIVE LDO REGULATOR, PSFM5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MC7915BTG MC7905.2CTG MC7912BT MC7915ACT MC7915CD2 |
1A, 12V,±4% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 12 V FIXED NEGATIVE REGULATOR, PSFM3 1A, 15V,±2% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-220, SINGLE GAUGE; No of Pins: 3; Container: Rail; Qty per Container: 50 15 V FIXED NEGATIVE REGULATOR, PSFM3 1A, 15V,±4% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: 3 LEAD D2PAK; No of Pins: 3; Container: Rail; Qty per Container: 50 15 V FIXED NEGATIVE REGULATOR, PSSO2
|
Rectron Semiconductor
|
LM120MH-12 LM140H-05-883B LM123K-15R1 |
12 V FIXED NEGATIVE REGULATOR, MBCY3 5 V FIXED POSITIVE REGULATOR, MBCY3 15 V FIXED POSITIVE REGULATOR, MBFM2
|
SEMELAB LTD
|