PART |
Description |
Maker |
AMPC24-271L-RC AMPC24-101L-RC AMPC24-120L-RC AMPC2 |
Axial Molded Power Chokes
|
Allied Components Inter...
|
B82720-K2601-N40 B82720-A B82720-A2102-N40 B82720- |
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
|
EPCOS[EPCOS]
|
LS624-02TG LS318-02GG LS632-02TG HLS324-03TG HLS30 |
24 POS MOLDED DIP SOCKET DIP64, IC SOCKET 18 POS MOLDED DIP SOCKET DIP18, IC SOCKET 32 POS MOLDED DIP SOCKET DIP32, IC SOCKET 24 POS MOLDED DIP SOCKET DIP24, IC SOCKET 8 POS MOLDED DIP SOCKET DIP8, IC SOCKET 20 POS MOLDED DIP SOCKET DIP40, IC SOCKET 8 POS OPEN FRAME MOLDED DIP SOCKET 22 POS MOLDED DIP SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
0571-0203-00 0571-0203-01 0571-0303-00 0571-0013-0 |
POWER LINE CHOKES COMMON MODE CHOKES
|
BEL[Bel Fuse Inc.]
|
9250-684-RC 9250-332-RC 9250-182-RC 9250-122-RC 92 |
CHOKE RF MOLDED 680UH FERRITE 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3.3UH IRON 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.8UH IRON 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.2UH IRON 1 ELEMENT, 1.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3900UH FERRITE 1 ELEMENT, 3900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .68UH PHENOLIC 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 18UH FERRITE 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 82UH FERRITE 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 15UH FERRITE 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .47UH PHENOLIC 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:9250; Inductance:4.7uH; Inductance Tolerance: /- 10 %; Q Factor:44; Self Resonant Frequency:70MHz; Terminal Type:Axial Leaded; Core Material:Iron; Current Rating:380mA; DC Resistance Max:0.55ohm
|
Bourns, Inc. BOURNS INC
|
B82617-F2103-M1 B82625-B2202-M1 B82625-B2102-M1 B8 |
Chokes for Power Lines Ring Core Chokes with Iron Powder Core 电力线环芯电感扼流圈与铁粉芯
|
EPCOS AG
|
B82625-B2602-M1 B82615 B82615-B2102-M1 B82615-B220 |
Chokes for Power Lines Ring Core Chokes with Iron Powder Core
|
EPCOS[EPCOS]
|
HLS624-473TT HLS640-473TT HLS628-473TT HLS628-473T |
24 POS MOLDED DIP SOCKET DIP24, IC SOCKET 40 POS MOLDED DIP SOCKET DIP40, IC SOCKET 28 POS MOLDED DIP SOCKET DIP28, IC SOCKET 32 POS MOLDED DIP SOCKET DIP32, IC SOCKET 16 POS MOLDED DIP SOCKET DIP16, IC SOCKET 20 POS MOLDED DIP SOCKET DIP20, IC SOCKET
|
Advanced Interconnections, Corp.
|
T323A474J035AS-C T323A474J035AT-C T323A474K035AS-C |
TANTALUM MOLDED DISSIPATION FACTOR: Maximum DF limits are shown in corresponding series part number listings on pages 44-48. See Application Notes Section, page 76 for addi-tional PERFORMANCE CHARACTERISTICS TANTALUM MOLDED / AXIAL ?MIL-PRF-49137/1&5 TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
|
Kemet Corporation
|
MDP16-46 MDP16-45 |
Dual Inline Package, Molded DIP, Rugged, Molded Case Construction, Highly Stable, Automatic Insert Compatible, Available in Tube Pack, Reduces Assembly Costs
|
Vishay
|
0571-0303-00 0571-0033-00 |
POWER LINE CHOKES COMMON MODE CHOKES 2 ELEMENT, 30000 uH, COMMON MODE CHOKE POWER LINE CHOKES COMMON MODE CHOKES 2 ELEMENT, 3000 uH, COMMON MODE CHOKE
|
Bel Fuse, Inc.
|