PART |
Description |
Maker |
SD1208-50-5 |
CAP AND SAFETY CHANN, BNC
|
Winchester Electronics Corporation
|
RFH10N50 RFH10N45 |
CAP 1000PF 200V 10% X7R DIP-2 TUBE-PAK S-MIL-PRF-39014/22 10A/ 450V and 500V/ 0.600 Ohm/ N-Channel Power MOSFETs 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs 10 A, 450 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-218AC
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
APT40N60B2CFG APT40N60B2CF APT40N60LCF APT40N60LCF |
40 A, 600 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Super Junction FREDFET 40 A, 600 V, 0.11 ohm, N-CHANNEL, Si, POWER, MOSFET
|
MICROSEMI POWER PRODUCTS GROUP Microsemi, Corp. Advanced Power Technology
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
S4402 |
MOSFET, Switching; VDSS (V): 600; ID (A): 16; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.475; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
STU6N60M2 STF6N60M2 STP6N60M2 |
N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in IPAK package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220FP package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package
|
ST Microelectronics
|
STP25NM60N STW25NM60N STB25NM60N STF25NM60N STB25N |
20 A, 600 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 600 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC N-channel 600 V, 0.130 Ω , 21 A, MDmesh II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247 N-channel 600 V, 0.130 Ω , 21 A, MDmesh?/a> II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
|
http:// STMicroelectronics
|
NDF10N60ZG |
10A 600V 0.65 Ohm Single N-Channel TO-220FP MOSFET 6 A, 600 V, 0.75 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
IRFR9120 IRFU9120 FN3987 |
5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs(5.6A, 100V, 0.600 惟, P娌?????MOS?烘?搴??) P Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
SSP2N60BJ69Z |
2 A, 600 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
PHX4N60 |
3.6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP SEMICONDUCTORS
|
|