PART |
Description |
Maker |
TFMCJ65A TFMCJ90A TFMCJ TFMCJ10 TFMCJ100 TFMCJ100A |
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE) 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB MILL 3 XD26; 16/10 24VDC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
RECTRON[Rectron Semiconductor] http://
|
1.5KE20AG 1.5KE16AG |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
1.5KE24ARL4 1.5KE220AG 1.5KE27ARL4G 1.5KE110ARL4G |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
HSMCG95AH2 HSMCG95AH1 HSMCG95AH3 HSMCG13CAH1 HSMCG |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED PACKAGE-2 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
CR2-XXX CR2-005 CR2-010 CR2-020 CR2-040 CR2-060 CR |
Leaded Rectifier General Purpose 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2安培整流0-1500伏轴向环氧案例枚CR2系列 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, SILICON, RECTIFIER DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp. Bourns, Inc.
|
CD6274CA CD6275 CD6302CA 1.5KCD6.8C CD6272CA CD628 |
Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: LFCSP (5x5x.85mm) w/2.7exposed pad; No of Pins: 32; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 16 - Channel ±15 V/12 V iCMOS™ Multiplexer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: TBD 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 0.5 Ω CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer; Package: MSOP; No of Pins: 10; Temperature Range: Automotive 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CELLULAR DIE PACKAGE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 480 MHz, Single Supply, Triple 2:1, Buffered (G= 2) Multiplexer; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 5 Ω Max Ron, 4 - /8 - Channel ±15 V /12 V /± 5 V Multiplexers; Package: LFCSP (4x4mm, 2.50mm exposed pad); No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE CMOS Low Voltage, 3 O 4-Channel Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 0.28 O CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 Open for a Logic 1 Input; Package: SC70; No of Pins: 6; Temperature Range: Industrial 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Commercial 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 8-Channel, ±15 V/ 12 V iCMOS® Multiplexer; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Low Capacitance, 4-Channel, ±15 V/ 12 V iCMOS™ Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: TBD 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 4 Channel Buffered, 250 MHz, 10 ns Switching Multiplexer w/Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
BYS459B-1500 BYS459-1500 |
6.5 A, 1500 V, SILICON, RECTIFIER DIODE, TO-263AB 6.5 A, 1500 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Vishay Beyschlag
|
SMC33CA SMC33C SMC9.1CA SMC10 SMC10C SMC10CA SMC11 |
Heat Sink; Package/Case:TO-220; Thermal Resistance:32 C/W; Mounting Type:Through Hole; Length:19.05mm; Height:6.35mm; Width:13.21mm; Diameter:3.81mm HEATSINK TO-220 2.5W BLK W/PINS 表面贴装单向和双向瞬态电压抑制器 SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS 表面贴装单向和双向瞬态电压抑制器 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Lite-On Technology Corp... LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON SEMICONDUCTOR CORP ???绉???′唤??????
|
1.5KE39CA-G 1.5KE24-GT3 1.5KE9.1-G 1.5KE11-GT3 1.5 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE
|
SENSITRON SEMICONDUCTOR
|
1.5SMC20CA 1.5SMC13CA 1.5SMC200A |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
SEMIKRON INTERNATIONAL
|
ISD380-9 ISD25-15 ISDF65-7 ISD320-16 ISDR320-22 IS |
380 A, 900 V, SILICON, RECTIFIER DIODE 25 A, 1500 V, SILICON, RECTIFIER DIODE 65 A, 700 V, SILICON, RECTIFIER DIODE 320 A, 1600 V, SILICON, RECTIFIER DIODE 320 A, 2200 V, SILICON, RECTIFIER DIODE 160 A, 1400 V, SILICON, RECTIFIER DIODE 65 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 1300 V, SILICON, RECTIFIER DIODE 380 A, 1200 V, SILICON, RECTIFIER DIODE 380 A, 1500 V, SILICON, RECTIFIER DIODE 380 A, 600 V, SILICON, RECTIFIER DIODE 380 A, 400 V, SILICON, RECTIFIER DIODE 380 A, 500 V, SILICON, RECTIFIER DIODE 160 A, 900 V, SILICON, RECTIFIER DIODE 160 A, 1000 V, SILICON, RECTIFIER DIODE 160 A, 500 V, SILICON, RECTIFIER DIODE
|
|
|