PART |
Description |
Maker |
CQ218I-25DLEADFREE CQ218I-25NLEADFREE CQ218I-40MLE |
400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 600 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 800 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 ISOLATED TAB TRIAC 25AMP, 200 THRU 800 VOLTS 800 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 PLASTIC PACKAGE-3 400 V, 40 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 25 AMP TRIAC 200 THRU 800 VOLTS 200 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 ISOLATED TAB TRIAC 6.0AMP, 200 THRU 800 VOLTS 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 25 AMP TRIAC 200 THRU 800 VOLTS 400 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-48 200 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
Z0103DA1AA2 Z0109DA |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
STMICROELECTRONICS
|
CQ220-16DLEADFREE |
400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
CENTRAL SEMICONDUCTOR CORP
|
CQ202-4DLEADFREE |
400 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-202
|
CENTRAL SEMICONDUCTOR CORP
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA312B-800C BTA312B BTA312B-600B BTA312B-600C BTA |
12 A Three-quadrant triacs high commutation; Package: SOT404 (D2PAK); Container: Tape reel smd 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
NXP[NXP Semiconductors] NXP Semiconductors N.V.
|
HNT640 HNT616 HIT625 HNT216 |
600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 600 V, 25 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218
|
|
934057052116 934057052126 934057052412 Z0103MA-ND |
Logic level four-quadrant triac 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
NXP Semiconductors
|
Z0103NN0 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057057135 568-2195-2 Z0107MN/T3 Z0107MN11 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057063135 568-2198-2 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
|