PART |
Description |
Maker |
CBRHDSH1-200 CBRLD1SERIES |
SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER 1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package 1.0A, 200V thru 1000V Bridge Rectifi ers
|
Central Semiconductor Corp
|
MBRB3030CTLTRRP MBRB3030CTLTRLP MBRB3030CTLPBF MBR |
Schottky (Diodes & Rectifiers) 30 Amp 30 Volt Common Cathode Diode Schottky 45V 30A 3-Pin(2 Tab) D2PAK
|
Vishay Semiconductors
|
MMBD452LT1G |
Dual Hot−Carrier Diodes Schottky Barrier Diodes SILICON, LOW BARRIER SCHOTTKY, VHF-UHF BAND, MIXER DIODE, TO-236AB
|
ON Semiconductor
|
NSD |
Surface Mount Schottky Barrier Rectifi er Diode
|
NIC-Components Corp.
|
WSD705 WSD706 |
Surface Mount Schottky Barrier Diodes SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
|
Weitron Technology ETC
|
MA738 MA2Q738 |
Small-signal device - Diodes - Schottky Barrier Diodes(SBD) Schottky Barrier Diodes (SBD) From old datasheet system
|
PANASONIC[Panasonic Semiconductor]
|
LS509 |
Class A Amplifier with 3 Gain Blocks & Schottky Diodes Class A Amplifier with 3 Gain Blocks & Schottky Diodes
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
BAT62-02L BAT62-02W BAT62-08S BAT62-07W BAT62-03W |
Latest Silicon Discretes - Schottky Diode for power leveling Schottky Diodes - Low barrier silicon RF Schottky diode for detectors Schottky Diodes - Low barrier silicon RF Schottky diode array
|
Infineon
|
DWEP70-10 DWFN9-16_18 DWEP37-02 DWFN35-16/18 CWP22 |
Rectifier Diodes & FRED 41 A, 1200 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 123 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 106 A, 300 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 143 A, 300 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 60 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 80 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 8 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 30 A, SILICON, RECTIFIER DIODE DIODE ZENER SINGLE 150mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOD-523 3K/REEL 整流二极 DIODE SWITCHING SINGLE 75V 200mA-Io 250mW 4ns-trr DFN1006-2 3K/REEL 11 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 20 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 54 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 整流二极 Rectifier Diodes & FRED 40 A, 200 V, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 12 A, SILICON, RECTIFIER DIODE Rectifier Diodes & FRED 15 A, 600 V, SILICON, RECTIFIER DIODE DIODE ZENER SINGLE 500mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOD-123 3K/REEL 整流二极 DIODE ZENER SINGLE 200mW 22Vz 0.05mA-Izt 0.05 0.05uA-Ir 16.7 SOD-323 3K/REEL MDM-25PSM2 RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1.2V-vf 150ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.2V-vf 250ns 5uA-ir DO-41 5K/AMMO DIODE DF005S T&R DIODE ZENER SINGLE 500mW 24Vz 0.05mA-Izt 0.05 0.05uA-Ir 18.2 SOD-123 3K/REEL DIODE ZENER SINGLE 500mW 27Vz 0.05mA-Izt 0.05 0.05uA-Ir 20.4 SOD-123 3K/REEL RECTIFIER BRIDGE 1A 50V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER BRIDGE 1A 100V 50A-ifsm 1.1V-vf 10uA-ir DFM 50/TUBE RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.2V-vf 150ns 5uA-ir A405 5K/REEL-13 RECTIFIER BRIDGE 1A 50V 50A-ifsm 1.1V-vf 10uA-ir DFS 1.5K/REEL-13 Rectifier Diodes & FRED DIODE ZENER TRIPLE ISOLATED 200mW 7.48Vz 20mA-Izt 0.0254 0.1uA-Ir 6 SOT-363 3K/REEL Rectifier Diodes & FRED
|
Samtec, Inc. IXYS, Corp. http:// IXYS Corporation
|
SL04 SL02 SL03 |
Small Signal, Single Schottky Diodes
very low forward voltage drop;
high forward current capability; Small Surface Mount Schottky Diodes
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|