PART |
Description |
Maker |
R216CH12 R325CH02 R800CH04 |
1125 A, 1200 V, SCR 2398 A, 200 V, SCR 5260 A, 400 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
D390CH18E3L2 D390CH18E3L3 D390CH18E3L4 D390CH18E3L |
2426 A, 1800 V, SCR 1125 A, 1200 V, SCR, TO-200AB 1950 A, 800 V, SCR, TO-200AC 5087 A, 1600 V, SCR 5087 A, 1800 V, SCR 2749 A, 1800 V, SCR 2749 A, 800 V, SCR 2110 A, 3000 V, SCR 2749 A, 600 V, SCR 1895 A, 1000 V, SCR, TO-200AC 2268 A, 1200 V, SCR 5260 A, 1200 V, SCR 1690 A, 800 V, SCR, TO-200AC 2749 A, 1600 V, SCR 5260 A, 1600 V, SCR 2749 A, 1000 V, SCR 1765 A, 1200 V, SCR, TO-200AC 1765 A, 1600 V, SCR, TO-200AC 2749 A, 1200 V, SCR 2749 A, 400 V, SCR 1030 A, 800 V, SCR, TO-200AB 1715 A, 600 V, SCR, TO-200AC 3140 A, 600 V, SCR 2600 A, 1200 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
C430CX550 C430DX550 C430BX550 |
Phase Control SCR 800 Amperes Avg 100-400 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
NTE314 |
12.5 A, 400 V, SCR, TO-3 Silicon Controlled Rectifier (SCR) Power Regulator Switch
|
NTE Electronics
|
TW11N800FZ BSTC0326S6 BSTC0353S6 BSTD0313S6 |
800 V, 12 A, TRIAC, TO-220 25 A, 400 V, SCR 25 A, 800 V, SCR 25 A, 200 V, SCR
|
|
CYNA16-400 CYNB16-400 |
SCR 16A 400V ISOLATED TO-220AB 16 A, 400 V, SCR, TO-220AB SCR 16A 400V NON-ISOLAT TO-220AB 16 A, 400 V, SCR, TO-220AB
|
Crydom, Inc.
|
T6250125 T6250130 T6250140 T6250225 T6250230 T6250 |
Phase Control SCR (250-400 Amperes 100-1200 Volts)
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors] Powerex Power Semicondu...
|
VSKH250-08PBF VSKL250-16 SKT250-04PBF SKT250-08PBF |
Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 1600 V, SCR, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 1000 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 377 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 377 A, 1200 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
|
Vishay Semiconductors Vishay Siliconix
|
IZF1167-7F25 IZF1167-3F25 IZF1167-12F25 IZF1167-10 |
2390 A, 700 V, SCR 2390 A, 300 V, SCR 2390 A, 1200 V, SCR 2390 A, 1000 V, SCR 2390 A, 900 V, SCR 1470 A, 800 V, SCR 1950 A, 1000 V, SCR 1950 A, 1100 V, SCR 1370 A, 1400 V, SCR 1470 A, 500 V, SCR 2835 A, 1100 V, SCR 1370 A, 1200 V, SCR 1470 A, 200 V, SCR
|
ITT, Corp.
|
FS0201BN FS0201DN FS0201MN FS0201NN FS0204DN FS020 |
200 V, surface mount SCR 400 V, surface mount SCR 600 V, surface mount SCR 800 V, surface mount SCR
|
Fagor
|
SDR1004UF |
100 AMPS ULTRA FAST RECOVERY RECTIFIER 400- 1000 VOLTS 100 A, 400 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. Solid States Devices, Inc
|
MCR218-6FP |
8 A, 400 V, SCR
|
ON SEMICONDUCTOR
|
|