PART |
Description |
Maker |
AD9731 AD9731BRS AD9731BR AD9731-PCB |
l0-Bit, 170 MSPS, Bipolar D/A Converter 10-Bit, 170 MSPS D/A Converter 10位,170 MSPS的D / A转换
|
AD[Analog Devices] Analog Devices, Inc.
|
V23809-C8-T10 |
Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver with ST Connector 多模1300纳米的LED与ST快速以太网/光纤分布式数据介 ATM70 MBdx9收发器?连接 MM 170 MBd FE/FDDI/ATM Transceiver
|
Infineon Technologies AG
|
STPS80170C STPS80170CW PS80170CW |
40 A, 170 V, SILICON, RECTIFIER DIODE, TO-247AC High Voltage Power Schottky Rectifier
|
STMicroelectronics
|
CMF8.0A CMF9.0A CMF7.0A CMF8.5A CMF6.0A CMF7.5A CM |
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
BSS123LT1D BSS123LT3 BSS123LT1-D BSS123LT1/D BSS12 |
Power MOSFET 170 mAmps/ 100 Volts Power MOSFET 170 mAmps, 100 Volts N-Channel SOT-23 Transient Voltage Suppressor Diodes
|
ON Semiconductor
|
1SMC6.5CA 1SMC8.0CA 1SMC5.0CA 1SMC6.0CA 1SMC7.0CA |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电4V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电8V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 STRAP BATTERY FIBRE BASE 9V 4LD Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp.
|
SZ5706 SZ5740 SZ5740KS SZ5110 SZ5706-1 SZ5709K SZ5 |
6.8 ?270 VOLTS ZENER DIODES 40 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.0 WATT 6.8 ?270 VOLTS ZENER DIODES 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 200 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 45 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 170 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
SMCJ7.5 SMCJ60A SMCJ85A SMCJ6.5A |
CMOS Decade Counter with 10 Decoded Outputs 16-SO -55 to 125 Replaced by CD4024B : CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-CDIP -55 to 125 Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
AD9411 |
170/200 MSPS 3.3 V A/D Converter
|
Analog Devices
|
SPT7937 SPT7937SIR |
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
AD9430-LVDS/PCB AD9430-CMOS/PCB |
12-Bit, 170/210 MSPS 3.3 V A/D Converter
|
Analog Devices
|
AD9430 |
12-Bit, 170/210 MSPS 3.3 V A/D Converter
|
Analog Devices
|
|