PART |
Description |
Maker |
1N4764A 1N4738A 1N4757A 1N4760A 1N4752A 1N4743A |
(1N4728A Series) Silicon Zener Diodes
|
Motorols
|
SIOV-LS40K130QP SIOV-LS40K230QP SIOV-LS40K320QP SI |
RESISTOR, VOLTAGE DEPENDENT, 170 V, 310 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 300 V, 460 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 420 V, 640 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 560 V, 910 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 585 V, 950 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 200 V, 360 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 320 V, 490 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 350 V, 550 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 505 V, 800 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 615 V, 960 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 745 V, 960 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 895 V, 1100 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 1060 V, 1200 J, CHASSIS MOUNT
|
SIEMENS AG
|
TC514101AJ-60 TC514101AP TC514101AP-60 TC514101ASJ |
Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:-35V; Output Current:1A; Output Voltage:-15V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole 4,194,304 WORD x 1 BIT DYNAMIC RAM
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
ATV06B141J-G ATV06B141JB-G ATV06B510J-G ATV06B510J |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=600Watts, V<sub>RWM</sub>=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=54V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=45V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=85V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=440V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=600Watts, V-RWM=400V, Tolerance=5%
|
Comchip Technology
|
BRT21 BRT21H C67079-A1020-A6 C67079-A1021-A10 C670 |
SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER SITACO AC Switches Without Zero Voltage Switch With Zero Voltage Switch SITACO AC开关无零电压开关与零电压开 RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 05V; Output Voltage (Vdc): 12V; Power: 1W; Pot-Core Transformer - separated INDUCTOR TOROID 180UH 15% HORIZ From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
1N5988 1N5993 1N5987 1N5989 1N5997 1N5996 1N6029 1 |
From old datasheet system Axial-Leaded 500 mW Zener Diodes SILICON 500 mW ZENER DIODES 3.3V Input to Regulated 5V Output Charge Pumps Static Protection Wrist Grounder; Body Material:Fabric RoHS Compliant: NA Zener Voltage Regulator Diode 8.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 15 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 100 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Insulating Tape; Peak Reflow Compatible (260 C):No 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
FXLA102L8X12 FXLA10212 |
Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
ATV30C100J-G ATV30C100JB-G ATV30C101J-G ATV30C101J |
Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=400V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=40V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
LM385-2.5 LM285-2.5 LM385BZ-2. LM185-2.5 LM185-2.5 |
LOW POWER/ BANDGAP VOLTAGE REFERENCES From old datasheet system Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, MBCY2 Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3
|
TelCom Semiconductor LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
|