PART |
Description |
Maker |
MX27C1000PI-70 MX27C1000QI-70 MX27C1000MI-55 MX27C |
Single Output LDO, 3.0A, Fixed(1.8V), Fast Transient Response, Low Quiescent Current 5-TO-220 -40 to 125 Single Output LDO, 3.0A, Fixed(2.5V), Fast Transient Response, Low Quiescent Current 5-TO-220 -40 to 125 FPGA - 200000 SYSTEM GATE 2.5 VOLT - NOT RECOMMENDED for NEW DESIGN 128K X 8 OTPROM, 90 ns, PDSO32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 70 ns, PQCC32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 120 ns, PQCC32
|
Macronix International Co., Ltd.
|
UPD431000AGW-85LL-E2 UPD431000AGW-85L-E2 UPD431000 |
128K X 8 STANDARD SRAM, 85 ns, PDSO32 0.525 INCH, PLASTIC, SOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 0.525 INCH, LEAD FREE, PLASTIC, SOP-32 128K X 8 STANDARD SRAM, 100 ns, PDSO32 128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K X 8 STANDARD SRAM, 120 ns, PDSO32
|
RCD Components, Inc.
|
AT27BV010 AT27BV010-15TC AT27BV010-15TI AT27BV010- |
AML24 Series Rocker Switch, SPDT, 2 position, Gold Contacts, 0.110 in x 0.020 in (Solder or Quick-Connect), Non-Lighted, Rectangle, Snap-in Panel 128K X 8 OTPROM, 90 ns, PQCC32 1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M bit, 2.7-Volt to 3.6-Volt EPROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
W24L011AQ-10 W24L011AQ-12 W24L011AQ-15 W24L011AT-1 |
128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TRANS PNP W/RES 60HFE NEW S TYPE 128K X 8 STANDARD SRAM, 15 ns, PDSO32 Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No JT 55C 55#22M SKT PLUG HIGH SPEED SRAM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
HM628128ALFP-8L HM628128ALT-8L HM628128ALR-8L HM62 |
128K X 8 STANDARD SRAM, 85 ns, PDSO32 0.525 INCH, PLASTIC, SOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 8 X 20 MM, 1.20 MM HEIGHT, TSOP-32 128K X 8 STANDARD SRAM, 85 ns, PDSO32 8 X 20 MM, 1.20 MM HEIGHT, REVERSE, TSOP-32 128K X 8 STANDARD SRAM, 85 ns, PDIP32 0.600 INCH, PLASTIC, DIP-32
|
Hitachi,Ltd.
|
IS63LV1024 IS63LV1024L-12T IS63LV1024L-8TI IS63LV1 |
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT 128K X 8 STANDARD SRAM, 8 ns, PDSO32 TRANS PNP W/RES 50HFE NS-B1 128K X 8 STANDARD SRAM, 12 ns, PBGA36 TRANS PNP W/RES 30HFE NS-B1 128K X 8 STANDARD SRAM, 10 ns, PDSO32 TRANS PNP W/RES 60HFE NS-B1 CAP CERAMIC 330PF 50V NP0 0805
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
AS7C1025B AS7C1025B-20TJIN AS7C1025B-10JC AS7C1025 |
128 x 64 pixel format, LED or EL Backlight available 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM (Center power and ground) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Reset 14-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AM27C010-200PC AM27C010-120DC |
128K X 8 OTPROM, 200 ns, PDIP32 128K X 8 UVPROM, 120 ns, CDIP32
|
ADVANCED MICRO DEVICES INC SPANSION LLC
|
TD27C010-150V10 QP27C010-200V10 |
128K X 8 UVPROM, 150 ns, CDIP32 128K X 8 OTPROM, 200 ns, PDIP32
|
INTEL CORP
|
CY7C1019D-10VXI |
1-Mbit (128K x 8) Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32
|
Cypress Semiconductor, Corp.
|
|