PART |
Description |
Maker |
MMT05A260T3G MMT05A230T3G MMT05A230T306 MMT05A310T |
Thyristor Surge Protectors High Voltage Bidirectional TSPD 320 V, SILICON SURGE PROTECTOR Thyristor Surge Protectors(晶阐管浪涌电压保护器) 320 V, SILICON SURGE PROTECTOR
|
ONSEMI[ON Semiconductor]
|
RM1200E11 RM2000E-TP RM1500E |
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts 0.5 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AC 500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
P0320022C13 |
Heavy-Duty Power Splitter Y Cable, 15A, 14AWG (IEC-320-C20 to 2x IEC-320-C13), 2-ft
|
Tripp Lite. All Rights ...
|
P00518N |
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 18-in
|
Tripp Lite. All Rights ...
|
10-97-7125 10-97-7106 10-97-7126 10-89-7143 10-89- |
CGrid VT Bkwy Hdr Tin 12Ckt (320/110) 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10977106 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 12Ckt (320/110) 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 14Ckt (320/110) 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 80Ckt (320/110) 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 4Ckt (320/110) 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 8Ckt (320/110) 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 42Ckt (320/110) 42 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10977346 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 14Ckt (320/110) 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 80Ckt (320/110) 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 26Ckt (320/110) 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 16Ckt (320/110) 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 18Ckt (320/110) 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 60Ckt (320/110) 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 36Ckt (320/110) 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 40Ckt (320/110) 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 24Ckt (320/110) 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
DD540N |
573 A, 2000 V, SILICON, RECTIFIER DIODE
|
|
SKN420F20 |
415 A, 2000 V, SILICON, RECTIFIER DIODE
|
SEMIKRON INTERNATIONAL
|
CSA950 CSA950O CSA950Y |
0.600W General Purpose PNP Plastic Leaded Transistor. 30V Vceo, 0.800A Ic, 100 - 320 hFE 0.600W General Purpose PNP Plastic Leaded Transistor. 30V Vceo, 0.800A Ic, 160 - 320 hFE PNP SILICON PLANAR EPITAXIAL TRANSISTOR Audio Power Amplifier Application
|
Continental Device India Limited
|
HFA320NJ40CPBF |
HEXFRED? Ultrafast Soft Recovery Diode, 320 A HEXFRED庐 Ultrafast Soft Recovery Diode, 320 A HEXFRED㈢ Ultrafast Soft Recovery Diode, 320 A
|
Vishay Siliconix
|
MA4EXP190H-1225T MA4EXP190H-1225 |
Silicon Double Balanced HMIC Mixer, 2000 - 2300 MHz
|
MACOM[Tyco Electronics]
|
FR1ZZ FR1Q FR1V FR1Y FR1Z |
1 Amp Fast Recovery Silicon Rectifier 1200 to 2000 Volts
|
MCC[Micro Commercial Components]
|
|