PART |
Description |
Maker |
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
GS8320ZV36T-200 GS8320ZV36T-133 GS8320ZV36T-133I G |
36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 6.5 ns, PQFP100 1M X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100
|
GSI Technology, Inc. http://
|
AS7C33256NTF32_36A AS7C33256NTF32-36A.V.1.1 AS7C33 |
3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 32 ZBT SRAM, 8.5 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 32 ZBT SRAM, 10 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 36 ZBT SRAM, 8.5 ns, PQFP100 3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD 256K X 36 ZBT SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 36Vz 7mA-Izt 0.05 5uA-Ir 27.4Vr DO41-GLASS 5K/REEL From old datasheet system NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1470V25 CY7C1470V25-167ACES CY7C1470V25-167AXC |
72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL?/a> Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL(TM) Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PQFP100 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 1M X 72 ZBT SRAM, 3 ns, PBGA209 ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. SRAM Cypress Semiconductor, Corp.
|
GS8322Z72C-225T GS8322Z72GC-225T GS8322Z18B-225IT |
512K X 72 ZBT SRAM, 7 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 512K X 72 ZBT SRAM, 7 ns, PBGA209 14 X 22 MM, 1 MM PITCH, ROHS COMPLIANT, BGA-209 2M X 18 ZBT SRAM, 7 ns, PBGA119
|
GSI Technology, Inc.
|
IS61NP25632 IS61NP25636 IS61NP51218 IS61NP25632-5T |
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K × 3256K × 36和管道为512k × 18编号WAIT状态总线的SRAM
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
CY7C1355B-117BGI CY7C1355B-117BZC CY7C1355B-117BGC |
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 9 - MB的(256 × 36/512K × 18)流体系结构,通过与总线延迟静态存储器 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 6.5 ns, PBGA165 9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 7 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT71V3557S75PF IDT71V3557S85PF IDT71V3557S80PF ID |
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K的3656 × 18.3V的同步ZBT SRAM.3V的I / O的脉冲计数器,流量,通过输出 128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs 128K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
GS881Z32BD-200IV GS881Z36BD-200IV GS881Z18BD-200IV |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 32 ZBT SRAM, 6.5 ns, PBGA165 9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 6.5 ns, PBGA165 9Mb Pipelined and Flow Through Synchronous NBT SRAM 512K X 18 ZBT SRAM, 6.5 ns, PBGA165 9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 32 ZBT SRAM, 5.5 ns, PQFP100
|
GSI Technology, Inc.
|
|