PART |
Description |
Maker |
111RIA80 110RIA 110RIA120 110RIA80 111RIA 111RIA12 |
Silicon Controlled Rectifier, 172 A, 800 V, SCR, TO-209AC, METAL GLASS, TO-94, 3 PIN 800V 110A Phase Control SCR in a TO-209AC (TO-94) package 1200V 110A Phase Control SCR in a TO-209AC (TO-94) package 400V 110A Phase Control SCR in a TO-209AC (TO-94) package PHASE CONTROL THYRISTORS From old datasheet system
|
Vishay Semiconductors IRF[International Rectifier]
|
07103GOA |
110 A, 300 V, SCR, TO-209AC
|
MICROSEMI CORP-COLORADO
|
ST083S12MFH0 ST083S12MFK0 |
135 A, 1200 V, SCR, TO-209AC
|
VISHAY SEMICONDUCTORS
|
70RIA80M |
Silicon Controlled Rectifier, 110 A, 800 V, SCR, TO-209AC
|
Vishay Semiconductors
|
C-CWP347-18 T-CWP347-12 T-CWP347-18 W-CWP347-18 C- |
392.5 A, 1800 V, SCR 392.5 A, 1200 V, SCR 47.1 A, 1200 V, SCR 37.68 A, 1200 V, SCR 81.64 A, 800 V, SCR 81.64 A, 1200 V, SCR
|
IXYS, Corp. IXYS CORP
|
T7SH024.58GDN T72H024.58GDN T707063.258GDN T607021 |
706.5 A, SCR T7S, 3 PIN 706.5 A, SCR T72, 3 PIN 510.25 A, SCR T70, 3 PIN 196.25 A, SCR T60, 3 PIN 431.75 A, SCR T70, 3 PIN 392.5 A, SCR 109.9 A, 300 V, SCR 471 A, SCR 1177.5 A, SCR 785 A, SCR 942 A, SCR 2669 A, SCR 565.2 A, SCR 549.5 A, SCR 2512 A, SCR 1570 A, 700 V, SCR 235.5 A, SCR 62.8 A, SCR 1256 A, SCR 628 A, SCR 4710 A, SCR 1020.5 A, SCR 109.9 A, 150 V, SCR 1570 A, SCR 2826 A, SCR 3140 A, SCR 1727 A, SCR
|
Powerex, Inc. POWEREX INC
|
TTB6C75N08KOF TDB6HK110N06KOF TDB6HK110N12KOF |
60 A, 800 V, SCR 90 A, 600 V, SCR 90 A, 1200 V, SCR
|
|
CS218I-50B CS218I-50D CS218I-50PB CS218I-50M CS218 |
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS Leaded Thyristor SCR
|
Central Semiconductor Corp
|
P425 P432 |
44 A, 1200 V, SCR Silicon Controlled Rectifier, 44 A, 600 V, SCR
|
VISHAY SEMICONDUCTORS
|
SK45WT16 SK45WT SK45WT08 SK45WT12 |
IC DRIVER 4CH CD/DVD HSOP-M28 1200 V, SCR Antiparallel Thyristor Module 1600 V, SCR
|
SEMIKRON[Semikron International]
|
CWP347-12/18 CWP35-08/12 |
392.5 A, 1800 V, SCR DIE 81.64 A, 1200 V, SCR
|
IXYS, Corp. IXYS CORP
|
|