PART |
Description |
Maker |
BC557 BC556B BC556A BC557B BC556 BC557C BC558 |
PNP Silicon Planar Epitaxial Transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 65 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
PMP5201G PMP5201V PMP5201Y PMP5201Y115 PMP5201Y135 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BCX79-IX BCX79-VII BCX79-VIII BCX79-X Q62702-C718 |
From old datasheet system PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 RES,SMC,681,0HM,1/4W/1%,1 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage) 自动对焦进步党硅晶体管(高电流增益低集电极发射极饱和电压
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
PMP5501G PMP5501V PMP5501Y PMP5501Y135 PMP5501G115 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP/PNP matched double transistors; Package: SOT353 (UMT5); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2SA812-M4 2SA812-M5 2SA812-M6 2SA812-M7 M7-TP |
PNP Silicon Epitaxial Transistors 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components
|
DDTA114GCA-7 |
TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
DDTA115GKA-7-F DDTA114GKA-7-F |
PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
2SB774 2SB0774 |
Silicon PNP epitaxial planer type(For low-frequency amplification) 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
MMUN2111LT1G MMUN2112LT1G |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors Small Signal Bias Resistor Transistor SOT23, (TO236AB) PNP 50V; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
Rectron Semiconductor
|
BCY78-VIII BCY78 BCY78-IX BCY78-VII BCY78-X BCY79- |
Safety Sign; Legend:No Smoking; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PNP SILICON TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Hearing Protection Must Be Worn In This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Wear Safety Shoes in This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PROTECTIVE WEAR SIGN Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|