PART |
Description |
Maker |
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
1N914BT-10 1N914BT-87Y 1N914BT-12A 1N914BT-85 1N91 |
0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-34
|
|
MA141WATX MA142AH 2SK663H |
0.1 A, 2 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, SILICON, SIGNAL DIODE 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET
|
PANASONIC CORP
|
BYD33DGP-HE3 BYD33GGP-E3 |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, LEAD FREE, PLASTIC, DO-41, 2 PIN, Signal Diode 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Semiconductors
|
MSS1P6-M3/89A MSS1P5-M3/89A MSS1P5HM3/89A |
1 A, 60 V, SILICON, SIGNAL DIODE HALOGEN FREE AND ROHS COMPLIANT, MICROSMP-2 1 A, 50 V, SILICON, SIGNAL DIODE
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
BAS16 |
Surface Mount Silicon Planar Small-Signal Diode 0.2 A, 85 V, SILICON, SIGNAL DIODE, TO-236
|
Diotec Semiconductor AG
|
GL41YHE3/97 BYM10-600-E3/96 |
1 A, 1600 V, SILICON, SIGNAL DIODE, DO-213AB ROHS COMPLIANT, PLASTIC PACKAGE-2 1 A, 600 V, SILICON, SIGNAL DIODE, DO-213AB
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
SK12 SK15 SK14 S110 SK19 SK16 |
1 A, 40 V, SILICON, SIGNAL DIODE, DO-214AA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AA
|
Pan Jit International Inc.
|
SD103A09 SD103B-35B |
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 0.35 A, 30 V, SILICON, SIGNAL DIODE, DO-35
|
Pan Jit International Inc.
|
BAT30S BAT30ST/R13 |
SMALL SIGNAL SCHOTTKY DIODES 0.3 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Pan Jit International Inc.
|
|