PART |
Description |
Maker |
JAN1N6059 JAN1N6059A JAN1N6060 JAN1N6060A JAN1N603 |
Dual inverting buffer/line driver; 3-state Automotive Catalog Low-Dropout Voltage Regulator 3-DDPAK/TO-263 -40 to 125 Single Output LDO, 150mA, Fixed(12.0V), Low Quiescent Current, 60V Load Dump Protection 8-SOIC 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-PFM 0 to 125 1500瓦特双向瞬态电压抑制器 Single Output LDO, 150mA, Fixed(5.0V), Low Quiescent Current, 60V Load Dump Protection 3-TO-92 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Single Output LDO, 750mA, Fixed(5.0V), Low Quiescent Current, 60V LoadDump Protection 3-TO-220 0 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI CORP-LAWRENCE Microsemi, Corp. http:// MICROSEMI[Microsemi Corporation]
|
1.5KE18CARL4 1.5KE22CARL4 |
1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
1SMC6.5CA 1SMC8.0CA 1SMC5.0CA 1SMC6.0CA 1SMC7.0CA |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电4V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电8V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 STRAP BATTERY FIBRE BASE 9V 4LD Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp.
|
1.5SMC100A 1.5SMC9.1A 1.5SMC200A 1.5SMC160A 1.5SMC |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
MDE Semiconductor, Inc.
|
1N6063ACOX.120 1N6063ACOX.250 1N6063ACOX.160 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-LAWRENCE
|
MPT-8C |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13
|
|
MSPMPT-8C |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13
|
MICROSEMI CORP-SCOTTSDALE
|
1.5SMC68A-E3/57T 1.5SMC540A-E3/57T 1.5SMC480CAHE3/ |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
VISHAY SEMICONDUCTORS
|
AVSMCG6.0CA AVSMCG13CA AVSMCG5.0A AVSMCG60CA |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
MICROSEMI CORP-SCOTTSDALE
|
1.5KE11A-T3 1.5KE13C-T3 1.5KE200-T3 1.5KE16-T3 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE
|
SENSITRON SEMICONDUCTOR
|
MQSMCG13CATR MQSMCG7.5A MQSMCG7.5AE3TR |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB
|
MICROSEMI CORP-SCOTTSDALE
|
|