PART |
Description |
Maker |
PC-56-80B30 DPC-10-1000B3 DPC-10-120B1 DPC-10-2400 |
Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
|
http:// Pulse Engineering, Inc. PULSE[Pulse A Technitrol Company]
|
853-003 |
Size 8 Concentric Twinax Pin
|
Glenair, Inc.
|
62HN30-H0-040C 62HN30-H9-040C 62HN45-H0-040C 62HN2 |
High Torque, Non-Turn Concentric Shaft
|
Grayhill, Inc
|
CMPD7000E |
SMD Switching Diode Dual: In Series ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODE SERIES CONNECTION
|
Central Semiconductor Corp
|
RND0.8ZHH-M6 RND02ZGE-M6 RND02ZGE |
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming RND系列 - 10W的直直流转换8 - 75V输入3.3 INTEGRATED CKT STATIC SENS RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ±12V Dual Outputs ±15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V 12V Dual Outputs 15V available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 【12V Dual Outputs 【15V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, ?2V Dual Outputs ?5V, available with trimming RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 2V Dual Outputs 5V, available with trimming
|
AZ Displays, Inc. Kingbright, Corp. POWER-ONE[Power-One]
|
MBRB10100C MBRF10100C MBRB10100CT MBRF10100CT MBR1 |
Dual High-Voltage Schottky Rectifiers 双高压肖特基整流 CAP/CERAMIC/FIX/SMD/47PF/50V/5%/0603 双高压肖特基整流 MBR10H100CT MBRF10H100CT & MBRB10H100CT Series MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series MBR10H100CT / MBRF10H100CT & MBRB10H100CT Series CAP 1.0PF 50V .25 PF NP0(C0G) SMD-0805 TR-7 PLATED-NI/SN MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series MBR10H100CT,MBRF10H100CT Dual High-Voltage Schottky Rectifiers, Forward Current 10A, Rev. Voltage 90 to 100V MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc. VAISH[Vaishali Semiconductor] VISAY[Vishay Siliconix]
|
MIW1000 MIW101X MIW102X MIW103X MIW104X |
(MIW1000 Series) MIW1000 SERIES 2-3 WATT INPUT RANGE DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
|
Total Power International
|
74AVCH2T45GS |
Dual-bit, dual-supply voltage level translator-transceiver; 3-state AVC SERIES, DUAL 2-BIT TRANSCEIVER, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
NC7WZU04P6 |
TinyLogic UHS Dual Unbuffered Inverter LVC/LCX/Z SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
Fairchild Semiconductor, Corp.
|
CM400DU-24H |
Dual IGBTMOD U-Series Module 400 Amperes/1200 Volts Dual IGBTMOD⑩ U-Series Module 400 Amperes/1200 Volts TRANSISTOR | IGBT POWER MODULE | HALF BRIDGE | 1.2KV V(BR)CES | 400A I(C)
|
Powerex Power Semiconductors
|
5962F9863201VCC 5962F9863201V9A 5962F9863201VXC AC |
AC SERIES, DUAL POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, CDFP16 AC SERIES, DUAL POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Dual J-K Flip-Flop with Set and Reset 辐射硬化的设置和复位JK触发
|
Intersil Corporation Intersil, Corp.
|