PART |
Description |
Maker |
PEC12-4220F-S0024 PEC12-2220F-S0024 PEC12-4020F-S0 |
ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-3
|
Bourns, Inc. BOURNS INC
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
62P22-N4 62P22-L4 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
FORDAHL S.A.
|
ECL0D-B24-CB0012L ECL0D-B24-EB0012L ECL0J-B24-KC00 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
BOURNS INC
|
GRAYHILLINC-63TAH-3-3-6-1-2 63TAH-4-1-4-2-1 63TEL- |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
62F05-02-150P-L 62F15-02-150P-L 62F01-01-100C-LT |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
61RS32-105 61KS32-105 61K64-075T 61KS128-075T 61K3 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
63R25-020T |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
61C00-01-04-02T |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
ENA2P-C16-L00256 ENA2P-C16-M00200L ENA2P-C16-M0002 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE
|
Bourns, Inc. BOURNS INC
|
|