PART |
Description |
Maker |
MEV1S0505SC KDCMEV MEV1S0512SC MEV1S0515SC MEV1S05 |
3kVDC Isolated 1W Single Output DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
MEV3S0505SC MEV3S1209SC MEV3S0512SC MEV3S1215SC ME |
3kVDC Isolated 3W Single Output DC/DC Converters
|
Murata Power Solutions Inc.
|
NMK2415SAC NMK2409SAC NMK1505SAC NMK1505SC NMK1509 |
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
TPVT1212-2W TPVT1212A-2W TPVT1215-2W |
2W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
|
Toppower Electronic Tec...
|
TPVT1205A TPVT1209 TPVT1209A TPVT1203A TPVT1212 TP |
1W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
|
Toppower Electronic Tec...
|
TPG0305S-3W TPG0509S-3W TPG0524S-3W TPG0503S-3W TP |
3W 3KVDC Isolated Single Output DC/DC Converters
|
Toppower Electronic Tec...
|
STV12D05F STV03D09F STV15D15F STV15D05F STV15D09F |
1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
|
Superworld Electronics
|
TPAT1205-W2 TPAT1209-W2 TPAT1203-W2 |
0.25W 3KVDC Isolated Dual Output SMD DC/DC Converters
|
Toppower Electronic Tec...
|
TPAT TPAT0309 TPAT0312 TPAT0505 TPAT1203 TPAT1215 |
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
|
Toppower Electronic Tec...
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
BCX69 BCX69-25 BCX69-16 BCX6916 |
Obsolete PNP SILICON PLANAR MEDIUM POWER TRANSISTOR ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
ZETEX[Zetex Semiconductors] ZETEX PLC
|