PART |
Description |
Maker |
AM41DL3208GB70I AM41DL3208GB85I AM41DL3208GT30IT A |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
W25X10A W25X10AVDAIZ W25X10AVSNIG W25X10AVZPIG |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X40AL W25X40ALDAIZ W25X40ALSNIZ W25X40ALZPIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X40A W25X40AVZPIG W25X20A |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
M6MGB331S8BKT M6MGT331S8BKT |
33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
|
Renesas Electronics Corporation.
|
CS5525 CS5525-AP CS5525-AS CS5525-BP CS5525-BS CS5 |
16/20-Bit, Multirange A/D Converters with 4-Bit Latch 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
|
CIRRUS[Cirrus Logic]
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|
AM29LV160DB-120EC AM29LV160DB-120EE AM29LV160DB-12 |
From old datasheet system x8/x16 Flash EEPROM 16 Mbit (2 M x 8-Bit/1 M x 16-Bit) x8/x16FlashEEPROM
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
AMD[Advanced Micro Devices] AMD Inc
|
MSM531652F |
1,048,576-Words x 16-bit or 2,097,152-Bytes x 8-bit MaskROM, 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM
|
OKI SEMICONDUCTOR CO., LTD.
|
MAX1320ECM MAX1316ECM MAX1317ECM MAX1324ECM MAX132 |
Dual 8-Bit To 9-Bit Parity Bus Transceivers 56-SSOP -40 to 85 18-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
|
Maxim Integrated Products, Inc. ADC
|
LD87C51FB-1 TP80C51FA N80C51FA-24 LN80C51FA-1 D83C |
8-BIT, MROM, 33 MHz, MICROCONTROLLER, CDIP40 8-BIT, 16 MHz, MICROCONTROLLER, PQCC44 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-Bit MCU: CISC: EPROM: MCS51 Family
|
INTEL CORP Intel, Corp.
|