PART |
Description |
Maker |
EKI-1222 EKI-1221 |
1-port Modbus Gateway
|
Advantech Co., Ltd.
|
KS8695P |
Integrated Multi-Port PCI Gateway Solution
|
Micrel Semiconductor
|
ISL6439 ISL6439ACB ISL6439ACR ISL6439AEVAL1 ISL643 |
Single Sync Buck PWM Controller for Broadband Gateway Applications SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PDSO14 Single Sync Buck PWM Controller for Broadband Gateway Applications 单同步降压PWM控制器,宽带网关应用 PWM Controller, 3.3V to 5V Input, VOUT 0.8V Min @ 1.5%, 300 or 600kHz, Gateway Applications
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AS91L1003BU10F100C AS91L1003BU10F100CF AS91L1003BU |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:5; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Socket; Insert Arrangement:10-5 Circular Connector; Body Material:Aluminum; Series:PT01; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:12-10 Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:12-10 ER 14C 4#16 10#12 PIN RECP APHMS3102A28-18SW RES 47.0K 1% 0.1W 0603 Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:MS3102; Number of Contacts:14; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle The AS91L1006BU is a one to 6-port JTAG gateway 该AS91L1006BU是一6口的JTAG网关 The AS91L1006BU is a one to 6-port JTAG gateway 该AS91L1006BU是一口的JTAG网关 Circular Connector; No. of Contacts:34; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-34 该AS91L1006BU是一口的JTAG网关 PT 41C 41#20 PIN RECP 该AS91L1006BU是一口的JTAG网关 CAP 0.1UF 50V 10% X7R SMD-1210 BULK BASE/BARR/SOLDER S-M55681 该AS91L1006BU是一口的JTAG网关 The AS91L1006BU is a one to 6-port JTAG gateway AS91L1006BU是一口的JTAG网关
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
ADAM-4015-15 |
6-ch RTD Module with Modbus
|
Advantech Co., Ltd.
|
ADAM-4019 ADAM-4017 ADAM-4018 |
8-ch Analog Input Module with Modbus
|
Advantech Co., Ltd.
|
TSM17Q-2RG |
NEMA 17 Integrated StepSERVO?Motor w/ Q Programming & Modbus/RTU
|
List of Unclassifed Man...
|
248-501 |
CAN Gateway
|
List of Unclassifed Man...
|
S1C33210 |
Mobile Access Gateway IC
|
Epson Company
|
BCM4710 |
Integrated Residential Gateway
|
Broadcom
|