PART |
Description |
Maker |
AM27C512 AM27C4096-55DC AM27C4096-55DCB AM27C4096- |
512 Kilobit (64 K x 8-Bit) CMOS EPROM 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 90 ns, CDIP28 Quad bistable latches 16-SOIC 0 to 70 512千比特(64亩8位)的CMOS存储 512 Kilobit (64 K x 8-Bit) CMOS EPROM 64K X 8 UVPROM, 120 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 55 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-SO 0 to 70 64K X 8 UVPROM, 200 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-PDIP 0 to 70 512千比特(64亩8位)的CMOS存储 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SSOP 0 to 70 64K X 8 UVPROM, 250 ns, CDIP28 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 64K X 8 UVPROM, 70 ns, CDIP28 Octal D-type Transparent Latches with 3-state Outputs 20-PDIP 0 to 70 Quad bistable latches 16-PDIP 0 to 70 Octal D-type Transparent Latches with 3-state Outputs 20-SOIC 0 to 70
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
IS27LV512-12CWI |
64K X 8 UVPROM, 120 ns, CDIP28
|
INTEGRATED SILICON SOLUTION INC
|
M5M27C102K |
64K X 16 UVPROM, 250 ns, CDIP40
|
|
GS820H32Q-5I GS820H32T-150I GS820H32GT-5I GS820H32 |
100MHz 12ns 64K x 32 2M synchronous burst SRAM 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 12 ns, PQFP100 64K x 32 2M Synchronous Burst SRAM 64K X 32 CACHE SRAM, 9 ns, PQFP100 117MHz 11ns 64K x 32 2M synchronous burst SRAM 138MHz 9.7ns 64K x 32 2M synchronous burst SRAM
|
GSI Technology, Inc.
|
M27C2001-55C1 M27C2001-10F1 M27C2001-10C1 M27C2001 |
256K X 8 UVPROM, 55 ns, CDIP32 256K X 8 UVPROM, 70 ns, CDIP32 256K X 8 OTPROM, 80 ns, PDIP32 256K X 8 OTPROM, 80 ns, PQCC32 2 MBIT (256KB X8) UV EPROM AND OTP ROM
|
STMICROELECTRONICS ST Microelectronics
|
IDT71016 IDT71016S12PHG IDT71016S12PHGI IDT71016S1 |
CMOS Static RAM 1 Meg (64K x 16-Bit) 64K x 16 Static RAM Filter Module w/out Resistor Network 64K X 16 STANDARD SRAM, 20 ns, PDSO44 CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-SOIC -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. SRAM INTEGRATED DEVICE TECHNOLOGY INC
|
AS7C3364FT36B-80TQIN AS7C3364FT32B AS7C3364FT32B-1 |
From old datasheet system Shielding Gasket; Gasket Style:D-Shaped; Body Material:Beryllium Copper alloy #C17200; Height:.11"; Length:16"; Mounting Type:Adhesive; Thickness:.0027"; Width:.28" 64K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 64K x 32/36 Flow Through Synchronous SRAM 64K X 36 STANDARD SRAM, 7.5 ns, PQFP100
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
MBM27C1001-15Z MBM27C1001-15TV |
128K X 8 UVPROM, 150 ns, CDIP32 128K X 8 UVPROM, 150 ns, CQCC36
|
|
CMP350-9601 CMP350-9603 CMP350 CMP350-9602 CMP350- |
4-OUTPUT 350 W AC-DC REG PWR SUPPLY MODULE Quad output 350 Watt AC/DC high wattage power supplies with PFC
|
ARTESYN[Artesyn Technologies]
|
CY7C1021CV33-10ZXIT CY7C1021CV33-12VIT |
1-Mbit (64K x 16) Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 3.0 to 3.6 V; 64K X 16 STANDARD SRAM, 10 ns, PDSO44 64K X 16 STANDARD SRAM, 12 ns, PDSO44
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|