PART |
Description |
Maker |
LZ931000 LZ9813000 LZ9811000 LZ9G1900 LZ95300 LZ95 |
FPGA, 1010 GATES FPGA, 13000 GATES FPGA, 11000 GATES FPGA, 1900 GATES FPGA, 315 GATES FPGA, 1680 GATES FPGA, 6075 GATES FPGA, 5000 GATES FPGA, 8370 GATES FPGA, 650 GATES
|
SHARP ELECTRONICS CORP
|
XC2318-70VQ100C XC2318L-70PC84C XC2318L-70PQ100C X |
FPGA, 70 MHz, PQFP100 FPGA, 70 MHz, PQCC84 FPGA, 70 MHz, PQFP64
|
XILINX INC
|
XA3S1200E XA3S500E XA3S250E XA3S1600E DS635 XA3S10 |
XA Spartan-3E Automotive FPGA Family Data Sheet FPGA, 1164 CLBS, 500000 GATES, 572 MHz, PQFP100 FPGA, 2168 CLBS, 1200000 GATES, 572 MHz, PBGA256 Proven advanced 90-nanometer process technology
|
Xilinx, Inc XILINX INC
|
LFXP10E-4F484C LFXP10C-4F484I LFXP10E-4F484I LFXP1 |
FPGA, 1920 CLBS, PBGA484 23 X 23 MM, FPBGA-484 FPGA, 1216 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 1920 CLBS, PBGA388 23 X 23 MM, FPBGA-388 FPGA, 2464 CLBS, PBGA484 23 X 23 MM, LEAD FREE, FPBGA-484 FPGA, 1216 CLBS, PQFP208 FPGA, 2464 CLBS, PQFP208 FPGA, 1216 CLBS, PBGA256 FPGA, 2464 CLBS, PQFP100 FPGA, 1920 CLBS, PQFP100
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
XC5215-6HQ240C XC5215-6HQ208C XC5200-4PC84C XC5206 |
TV 6C 6#12 SKT RECP TV 6C 6#220 PIN RECP FPGA, 120 CLBS, 4000 GATES, 83 MHz, CPGA156 CTV 6C 6#22D PIN RECP 现场可编程门阵列 Field Programmable Gate Arrays 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 64 CLBS, 2000 GATES, 10 MHz, PQFP64 ARTESYN PART 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQFP100 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP208 ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP160 Field Programmable Gate Arrays FPGA, 324 CLBS, 10000 GATES, 83 MHz, CPGA223 Low-cost, register/latch rich, SRAM based
|
Xilinx, Inc. XILINX INC
|
XA3S200-4TQG144I XA3S400-4FGG456I XA3S200-4VQG100I |
XA3S200-4TQG144I FPGA, 480 CLBS, 200000 GATES, PQFP144 XA3S400-4FGG456I FPGA, 896 CLBS, 400000 GATES, PBGA456 AUTOMOTIVE FPGA, 480 CLBS, 200000 GATES, PQFP100 FPGA, 192 CLBS, 50000 GATES, PQFP100 Revolutionary 90-nanometer process technology Revolutionary 90-nanometer process technology
|
Xilinx, Inc. XILINX INC
|
X2864HJ-70 X2864BPI-18 X2864HJ-90 X2864BGM-12 X286 |
10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, SOT23, IND TEMP, GREEN, 1.8V(SERIAL EE) 32M CONFIG FLASH, 44 PLCC, IND(FPGA) 10 MHZ, 8 LAP, IND TEMP(FPGA) 25NS, 24 SOIC, IND TEMP(EPLD) 10MS, 8 TSSOP, EXT TEMP, 2.7V(SERIAL EE) DIE SALE,1.8V, 11MIL(SERIAL EE) 10MHZ, 8 PDIP, IND TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 10MHZ, 44 TQFP, COM TEMP(FPGA) 128Kx8 EEPROM 20NS,CERDIP,883C; LEV B FULLY COMPLIANT(EPLD) 10MHZ, 20 SOIC, COM TEMP, 5K MOQ(FPGA) 10 MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) x8的EEPROM 10MHZ, 20 PLCC, IND TEMP(FPGA) x8的EEPROM 30MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM
|
ITT, Corp. Pericom Technology (Shanghai) CO., Ltd. Diodes, Inc. Electronic Theatre Controls, Inc.
|
3SR07NNNCDXXX 3SR07NNNFBXXX 3SR07NNNFEXXX 3SR07NNN |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FPGA FPGA FPGA
|
复位半导 Altera, Corp. NXP Semiconductors N.V. Mitsubishi Electric, Corp. Thomas Conexant Systems, Inc.
|
QL1P300-7PS324C QL1P300-7PS324M QL1P300-7PS324I QL |
FPGA, 1920 CLBS, 300000 GATES, 200 MHz, PBGA324 1 MM PITCH, LBGA-324 FPGA, PBGA256 FPGA, 4224 CLBS, 600000 GATES, 200 MHz, PBGA256
|
QuickLogic, Corp. QUICKLOGIC CORP
|
XC6VHX250T-2FFG1154C XC6VSX315T-1FFG1156C XC6VLX24 |
FPGA, 1286 MHz, PBGA1154 FPGA, 1098 MHz, PBGA1156
|
XILINX INC
|
QL24X32B-1PQ208C QL24X32B-1PQ208I QL24X32B-1PF144I |
PoE transformer, for NSC LM5070, 5V, SMT, RoHS 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA
|
OSRAM GmbH Electronic Theatre Controls, Inc. NXP Semiconductors N.V. Vishay Intertechnology, Inc. Micrel Semiconductor, Inc.
|
|