PART |
Description |
Maker |
AM29LV160BT-90WCC AM29LV160BT-90EE AM29LV160BT-90S |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 1M X 16 FLASH 3V PROM, 90 ns, PDSO44 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 1M X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
DP5Z1MM16PI3-12C DP5Z1MM16PJ3-12B DP5Z1MW16PA3-12B |
1M X 16 FLASH 5V PROM, 120 ns, CQIP48 HERMETIC SEALED, STRAIGHT, SLCC-48 1M X 16 FLASH 5V PROM, 120 ns, CQCC48 1M X 16 FLASH 5V PROM, 120 ns, CPGA50 1M X 16 FLASH 5V PROM, 150 ns, CQCC48
|
|
JS48F4400P0VB00 PF48F2000P0ZBQ0A JS28F128P30B85B P |
32M X 16 FLASH 1.8V PROM, 95 ns, PDSO56 14 X 20 MM, LEAD FREE, TSOP-56 4M X 16 FLASH 1.8V PROM, 88 ns, PBGA88 8 X 10 MM, 1.20 MM HEIGHT, LEAD FREE, SCSP-88 8M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64
|
Numonyx Asia Pacific Pte, Ltd.
|
AS8FLC2M32BP-70/IT 5962-0824504HXC 5962-0824502HXC |
2M X 32 FLASH 3V PROM, 70 ns, CPGA66 HERMETIC SEALED, CERAMIC, HIP-66 2M X 32 FLASH 3V PROM, 70 ns, CQFP68 2M X 32 FLASH 3V PROM, 100 ns, CQFP68
|
Micross Components
|
PA28F008SC-90 E28F008SC-150 PA28F008SC-170 |
1M X 8 FLASH 3.3V PROM, 90 ns, PDSO44 13.30 X 28.20 MM, PLASTIC, SOP-44 1M X 8 FLASH 3.3V PROM, 150 ns, PDSO40 1M X 8 FLASH 3.3V PROM, 170 ns, PDSO44
|
Intel, Corp. INTEL CORP
|
S29GL032N90FAI033 S29GL032N90BAI043 S29GL032N70TAI |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 90 ns, PBGA64 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 90 ns, PBGA48 2M X 16 FLASH 3V PROM, 70 ns, PDSO56 2M X 16 FLASH 3V PROM, 90 ns, PDSO56 2M X 16 FLASH 3V PROM, 70 ns, PBGA64 2M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Spansion, Inc. SPANSION LLC
|
S29GL064N90DFI040 S29GL064N90BFI033 S29GL032N90TFI |
4M X 16 FLASH 3V PROM, 90 ns, PBGA64 9 X 9 MM, LEAD FREE, FBGA-64 4M X 16 FLASH 3V PROM, 90 ns, PBGA48 64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
|
Spansion, Inc. SPANSION LLC
|
NAND256-A NAND01G-A NAND01GW3A2AZB1 NAND01GW3A0AZB |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位千兆位(x8/x1628 Byte/264字的页面.8V/3V,NAND闪存芯片 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位1千兆位(x8/x1628 Byte/264字的页面1.8V/3V,NAND闪存芯片 128M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 8M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 64M X 8 FLASH 3V PROM, 35 ns, PBGA55 64M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 128M X 8 FLASH 3V PROM, 35 ns, PDSO48 8M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PBGA55
|
ST Microelectronics 意法半导 STMicroelectronics N.V. NUMONYX http://
|
M29W400B-100M5 STMICROELECTRONICS-M29W400T-120ZA1T |
256K X 16 FLASH 2.7V PROM, 100 ns, PDSO44 512K X 8 FLASH 2.7V PROM, 100 ns, PBGA48 256K X 16 FLASH 2.7V PROM, 100 ns, PDSO48 256K X 16 FLASH 2.7V PROM, 150 ns, PDSO48 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO48 256K X 16 FLASH 2.7V PROM, 150 ns, PDSO44
|
STMICROELECTRONICS
|
W29EE012 W39L020P-70 W39L020P-70B W39L020P-90 W39L |
128K X 8 FLASH 5V PROM, 90 ns, PQCC32 128K X 8 FLASH 5V PROM, 90 ns, PDSO32 128K X 8 CMOS FLASH MEMORY 256K X 8 FLASH 3.3V PROM, 90 ns, PDSO32
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
AM29LV800BT90SCB AM29LV800BB70FIB |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 512K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV400BT55REC AM29LV400BT70EI AM29LV400BB55REC |
4 Mb (512K x 8, 256K x 16) Boot Sector, Flash Memory 256K X 16 FLASH 3V PROM, 55 ns, PDSO48 IC,FLASH,4MBIT,CMOS,256KX8 256K X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
|