PART |
Description |
Maker |
MTY55N20E MTY55N20E_D ON2720 |
TMOS POWER FET 55 AMPERES 200 VOLTS RDS(on) = 0.028 OHM 55 A, 200 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ON Semi
|
MTP50N06EL MTP50N06 |
TMOS POWER FET 50 AMPERES 60 VOLTS RDS(on) = 0.028 OHM 50 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BUZ102AL C67078-S1356-A2 BUZ102ALE3045A |
N-Channel SIPMOS Power Transistor From old datasheet system SIPMOS ? Power Transistor 42 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated) 42 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220
|
SIEMENS[Siemens Semiconductor Group] Infineon Technologies AG
|
PHD44N06LT PHP44N06LT PHB44N06LT |
TrenchMOS transistor Logic level FET 44 A, 55 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
IRFP048R11 SIHFP048R-E3 |
Power MOSFET 57 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247 ROHS COMPLIANT PACKAGE-3
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
AP40P03GH AP40P03GJ |
P-CHANNEL ENHANCEMENT MODE POWER MOSFET 30 A, 30 V, 0.028 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-251
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
FDS8958A10 FDS8958A FDS8958AF085 |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench MOSFET 7 A, 30 V, 0.028 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
1205-45-5 |
FOR USE WITH M17/028-RG058,/84-RG223&/060-RG142 CABLE GROUPS
|
Winchester Electronics ...
|
0476130101 SD-47613-001 |
0.70mm (.028) Pitch Battery Connector, with Ribs, 8 circuits, Lead-free
|
Molex Electronics Ltd.
|
TS53YL500OHM/-20TR TS53YL50OHM/-20TR TS53YL20OHM/- |
RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 500 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 50 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 20 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 1000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 10 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 10000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 200 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 100 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 1000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 2000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.2 W, 50000 ohm
|
Vishay Intertechnology, Inc.
|
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
|