PART |
Description |
Maker |
M80-5L10542MD |
DATAMATE MIX-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY
|
Harwin Plc
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5L20622M1-03-334-03-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 6 x 4.5mm PC Tail signal contacts, 6 x 5mm PC Tail Power contacts 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L22022M1-02-334-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 4 x 5mm PC Tail Power contacts 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5S2120500-02-313-01-333 |
Datamate 2-Row Mix-Tek Male Horizontal Connector, No jackscrews, 12 x SMT signal contacts, 2 x 3mm PC Tail Coax contact, 1 x 3.5mm PC Tail Power contact 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER AND SMT
|
Harwin PLC
|
M83-LML3M5N13-0302-333 |
Datamate 3-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 13 x 4mm PC Tail signal contacts, 5 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-4C10405F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 2 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
|